Electronic Components Datasheet Search
  English  ▼

X  

AD5380 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5380 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 7Page - Analog Devices AD5380_15 Datasheet HTML 8Page - Analog Devices AD5380_15 Datasheet HTML 9Page - Analog Devices AD5380_15 Datasheet HTML 10Page - Analog Devices AD5380_15 Datasheet HTML 11Page - Analog Devices AD5380_15 Datasheet HTML 12Page - Analog Devices AD5380_15 Datasheet HTML 13Page - Analog Devices AD5380_15 Datasheet HTML 14Page - Analog Devices AD5380_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
AD5380
I2C SERIAL INTERFACE
DVDD = 2.7 V to 5.5 V; AVDD = 4.5 V to 5.5 V or 2.7 V to 3.6 V; AGND = DGND = 0 V; all specifications TMIN to TMAX,
unless otherwise noted.
Table 5.
Parameter1, 2
Limit at TMIN, TMAX
Unit
Description
fSCL
400
kHz max
SCL clock frequency
t1
2.5
µs min
SCL cycle time
t2
0.6
µs min
tHIGH, SCL high time
t3
1.3
µs min
tLOW, SCL low time
t4
0.6
µs min
tHD,STA, start/repeated start condition hold time
t5
100
ns min
tSU,DAT, data setup time
t63
0.9
µs max
tHD,DAT, data hold time
0
µs min
tHD,DAT, data hold time
t7
0.6
µs min
tSU,STA, setup time for repeated start
t8
0.6
µs min
tSU,STO, stop condition setup time
t9
1.3
µs min
tBUF, bus free time between a STOP and a START condition
t10
300
ns max
tR, rise time of SCL and SDA when receiving
0
ns min
tR, rise time of SCL and SDA when receiving (CMOS compatible)
t11
300
ns max
tF, fall time of SDA when transmitting
0
ns min
tF, fall time of SDA when receiving (CMOS compatible)
300
ns max
tF, fall time of SCL and SDA when receiving
20 + 0.1Cb4
ns min
tF, fall time of SCL and SDA when transmitting
Cb
400
pF max
Capacitive load for each bus line
1
Guaranteed by design and characterization, not production tested.
2
See Figure 6.
3
A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min of the SCL signal) in order to bridge the undefined region of
SCL’s falling edge.
4
Cb is the total capacitance, in pF, of one bus line. tR and tF are measured between 0.3 DVDD and 0.7 DVDD.
Figure 6. I2C Compatible Serial Interface Timing Diagram
START
CONDITION
REPEATED
START
CONDITION
STOP
CONDITION
t9
t3
t1
t11
t4
t10
t4
t5
t7
t6
t8
t2
SDA
SCL
Rev. D | Page 11 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com