Electronic Components Datasheet Search
  English  ▼

X  

CA3140AS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CA3140AS
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AS Datasheet(HTML) 1 Page - Intersil Corporation

  CA3140AS Datasheet HTML 1Page - Intersil Corporation CA3140AS Datasheet HTML 2Page - Intersil Corporation CA3140AS Datasheet HTML 3Page - Intersil Corporation CA3140AS Datasheet HTML 4Page - Intersil Corporation CA3140AS Datasheet HTML 5Page - Intersil Corporation CA3140AS Datasheet HTML 6Page - Intersil Corporation CA3140AS Datasheet HTML 7Page - Intersil Corporation CA3140AS Datasheet HTML 8Page - Intersil Corporation CA3140AS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
CA3140, CA3140A
4.5MHz, BiMOS Operational Amplifier with
MOSFET Input/Bipolar Output
The CA3140A and CA3140 are integrated circuit operational
amplifiers that combine the advantages of high voltage PMOS
transistors with high voltage bipolar transistors on a single
monolithic chip.
The CA3140A and CA3140 BiMOS operational amplifiers
feature gate protected MOSFET (PMOS) transistors in the
input circuit to provide very high input impedance, very low
input current, and high speed performance. The CA3140A
and CA3140 operate at supply voltage from 4V to 36V (either
single or dual supply). These operational amplifiers are
internally phase compensated to achieve stable operation in
unity gain follower operation, and additionally, have access
terminal for a supplementary external capacitor if additional
frequency roll-off is desired. Terminals are also provided for
use in applications requiring input offset voltage nulling. The
use of PMOS field effect transistors in the input stage results
in common mode input voltage capability down to 0.5V below
the negative supply terminal, an important attribute for single
supply applications. The output stage uses bipolar transistors
and includes built-in protection against damage from load
terminal short circuiting to either supply rail or to ground.
The CA3140 Series has the same 8-lead pinout used for the
“741” and other industry standard op amps. The CA3140A and
CA3140 are intended for operation at supply voltages up to 36V
(
±18V).
Features
• MOSFET Input Stage
- Very High Input Impedance (ZIN) -1.5TΩ (Typ)
- Very Low Input Current (Il) -10pA (Typ) at ±15V
- Wide Common Mode Input Voltage Range (VlCR) - Can be
Swung 0.5V Below Negative Supply Voltage Rail
- Output Swing Complements Input Common Mode
Range
• Directly Replaces Industry Type 741 in Most
Applications
Applications
• Ground-Referenced Single Supply Amplifiers in Automo-
bile and Portable Instrumentation
• Sample and Hold Amplifiers
• Long Duration Timers/Multivibrators
(
µseconds-Minutes-Hours)
• Photocurrent Instrumentation
• Peak Detectors
• Active Filters
• Comparators
• Interface in 5V TTL Systems and Other Low
Supply Voltage Systems
• All Standard Operational Amplifier Applications
• Function Generators
• Tone Controls
• Power Supplies
• Portable Instruments
• Intrusion Alarm Systems
Pinouts
CA3140 (METAL CAN)
TOP VIEW
CA3140 (PDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
CA3140AE
-55 to 125
8 Ld PDIP
E8.3
CA3140AM
(3140A)
-55 to 125
8 Ld SOIC
M8.15
CA3140AS
-55 to 125
8 Pin Metal Can
T8.C
CA3140AT
-55 to 125
8 Pin Metal Can
T8.C
CA3140E
-55 to 125
8 Ld PDIP
E8.3
CA3140M
(3140)
-55 to 125
8 Ld SOIC
M8.15
CA3140M96
(3140)
-55 to 125
8 Ld SOIC Tape
and Reel
CA3140T
-55 to 125
8 Pin Metal Can
T8.C
TAB
OUTPUT
INV.
V- AND CASE
OFFSET
NON-INV.
V+
OFFSET
2
4
6
1
3
7
5
8
-
+
NULL
INPUT
NULL
INPUT
STROBE
INV. INPUT
NON-INV.
V-
1
2
3
4
8
7
6
5
STROBE
V+
OUTPUT
OFFSET
NULL
OFFSET
NULL
INPUT
-
+
Data Sheet
September 1998
File Number
957.4
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - CA3140AS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3140A INTERSIL-CA3140A Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
logo
Renesas Technology Corp
CA3140A RENESAS-CA3140A Datasheet
1Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3140A RENESAS-CA3140A Datasheet
2Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Rev.10.01 Feb 19, 2026
logo
Intersil Corporation
CA3140AE INTERSIL-CA3140AE Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
logo
Renesas Technology Corp
CA3140AE RENESAS-CA3140AE Datasheet
1Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3140AS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
July 11, 2005
CA3160 INTERSIL-CA3160_04 Datasheet
661Kb / 18P
4MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output
June 2004
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
May 2001
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
March 4, 2005
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com