Electronic Components Datasheet Search
  English  ▼

X  

CA3140AS Datasheet(PDF) 18 Page - Intersil Corporation

Part # CA3140AS
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AS Datasheet(HTML) 18 Page - Intersil Corporation

Back Button CA3140AS Datasheet HTML 11Page - Intersil Corporation CA3140AS Datasheet HTML 12Page - Intersil Corporation CA3140AS Datasheet HTML 13Page - Intersil Corporation CA3140AS Datasheet HTML 14Page - Intersil Corporation CA3140AS Datasheet HTML 15Page - Intersil Corporation CA3140AS Datasheet HTML 16Page - Intersil Corporation CA3140AS Datasheet HTML 17Page - Intersil Corporation CA3140AS Datasheet HTML 18Page - Intersil Corporation CA3140AS Datasheet HTML 19Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
18
Typical Performance Curves
FIGURE 29. OPEN-LOOP VOLTAGE GAIN vs SUPPLY
VOLTAGE AND TEMPERATURE
FIGURE 30. GAIN BANDWIDTH PRODUCT vs SUPPLY
VOLTAGE AND TEMPERATURE
FIGURE 31. SLEW RATE vs SUPPLY VOLTAGE AND
TEMPERATURE
FIGURE 32. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE AND TEMPERATURE
FIGURE 33. MAXIMUM OUTPUT VOLTAGE SWING vs
FREQUENCY
FIGURE 34. COMMON MODE REJECTION RATIO vs FREQUENCY
125
100
75
50
25
0
5
10
15
20
SUPPLY VOLTAGE (V)
125oC
25oC
TA = -55
oC
RL = 2kΩ
25
0
125oC
25oC
TA = -55
oC
RL = 2kΩ
20
10
0
5
10
15
20
SUPPLY VOLTAGE (V)
25
CL = 100pF
1
125oC
25oC
TA = -55
oC
RL = 2kΩ
510
15
20
SUPPLY VOLTAGE (V)
25
CL = 100pF
20
15
10
5
0
0
7
6
5
4
3
0
5
10
15
20
SUPPLY VOLTAGE (V)
125oC
TA = -55
oC
RL = ∞
25
0
2
1
25oC
25
20
15
10
5
0
10K
100K
FREQUENCY (Hz)
1M
4M
SUPPLY VOLTAGE: VS = ±15V
TA = 25
oC
120
100
80
60
40
20
0
101
102
103
104
105
106
107
FREQUENCY (Hz)
SUPPLY VOLTAGE: VS = ±15V
TA = 25
oC
CA3140, CA3140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com