Electronic Components Datasheet Search
  English  ▼

X  

CA3140AS Datasheet(PDF) 13 Page - Intersil Corporation

Part # CA3140AS
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AS Datasheet(HTML) 13 Page - Intersil Corporation

Back Button CA3140AS Datasheet HTML 9Page - Intersil Corporation CA3140AS Datasheet HTML 10Page - Intersil Corporation CA3140AS Datasheet HTML 11Page - Intersil Corporation CA3140AS Datasheet HTML 12Page - Intersil Corporation CA3140AS Datasheet HTML 13Page - Intersil Corporation CA3140AS Datasheet HTML 14Page - Intersil Corporation CA3140AS Datasheet HTML 15Page - Intersil Corporation CA3140AS Datasheet HTML 16Page - Intersil Corporation CA3140AS Datasheet HTML 17Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
A small heat sink VERSAWATT transistor is used as the
series pass element in the fold back current system, Figure
17, since dissipation levels will only approach 10W. In this
system, the D2201 diode is used for current sampling.
Foldback is provided by the 3k
Ω and 100kΩ divider network
connected to the base of the current sensing transistor.
Both regulators provide better than 0.02% load regulation.
Because there is constant loop gain at all voltage settings, the
regulation also remains constant. Line regulation is 0.1% per
volt. Hum and noise voltage is less than 200
µV as read with a
meter having a 10MHz bandwidth.
Figure 18A shows the turn ON and turn OFF characteristics
of both regulators. The slow turn on rise is due to the slow
rate of rise of the reference voltage. Figure 18B shows the
transient response of the regulator with the switching of a
20
Ω load at 20V output.
FIGURE 16. REGULATED POWER SUPPLY
FIGURE 17. REGULATED POWER SUPPLY WITH “FOLDBACK”
CURRENT LIMITING
5V/Div., 1s/Div.
FIGURE 18A. SUPPLY TURN-ON AND TURNOFF
CHARACTERISTICS
Top Trace: Output Voltage;
200mV/Div., 5
µs/Div.
Bottom Trace: Collector of load switching transistor, load = 1A;
5V/Div., 5
µs/Div.
FIGURE 18B. TRANSIENT RESPONSE
FIGURE 18. WAVEFORMS OF DYNAMIC CHARACTERISTICS OF POWER SUPPLY CURRENTS SHOWN IN FIGURES 16 AND 17
1
3
75
Ω
3k
Ω
100
Ω
2
1k
Ω 1kΩ
D2201
CURRENT
LIMITING
ADJUST
2N6385
POWER DARLINGTON
2
1k
Ω
1
3
8
2N2102
1k
Ω
+30V
INPUT
4
CA3140
7
1
6
5
100k
Ω
2
3
180k
Ω
56pF
1k
Ω
82k
Ω
250
µF
+
-
0.01
µF
100k
Ω
14
10
6
9
8
50k
Ω
13
5
µF
+
-
12
CA3086
2.2k
Ω
3
1
5
4
62k
Ω
VOLTAGE
ADJUST
10
µF
+
-
2.7k
Ω
1k
Ω
11
7
2
HUM AND NOISE OUTPUT <200
µVRMS
(MEASUREMENT BANDWIDTH
~10MHz)
LINE REGULATION 0.1%/V
LOAD REGULATION
(NO LOAD TO FULL LOAD)
<0.02%
OUTPUT
0.1
⇒ 24V
AT 1A
1
2
1k
Ω 200Ω
D2201
“FOLDBACK” CURRENT
LIMITER
2N5294
3k
Ω
8
2N2102
1k
Ω
+30V
INPUT
4
CA3140
7
1
6
5
100k
Ω
2
3
180k
Ω
56pF
1k
Ω
82k
Ω
250
µF
+
-
0.01
µF
100k
Ω
14
10
6
9
8
50k
Ω
13
5
µF
+
-
12
CA3086
2.2k
Ω
3
1
5
4
62k
Ω
VOLTAGE
ADJUST
10
µF
+
-
2.7k
Ω
1k
Ω
11
7
2
HUM AND NOISE OUTPUT <200
µVRMS
(MEASUREMENT BANDWIDTH
~10MHz)
LINE REGULATION 0.1%/V
LOAD REGULATION
(NO LOAD TO FULL LOAD)
<0.02%
OUTPUT
⇒ 0V TO 25V
25V AT 1A
3
100k
Ω
“FOLDS BACK”
TO 40mA
100k
Ω
CA3140, CA3140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com