Electronic Components Datasheet Search
  English  ▼

X  

CA3140AS Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3140AS
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AS Datasheet(HTML) 2 Page - Intersil Corporation

  CA3140AS Datasheet HTML 1Page - Intersil Corporation CA3140AS Datasheet HTML 2Page - Intersil Corporation CA3140AS Datasheet HTML 3Page - Intersil Corporation CA3140AS Datasheet HTML 4Page - Intersil Corporation CA3140AS Datasheet HTML 5Page - Intersil Corporation CA3140AS Datasheet HTML 6Page - Intersil Corporation CA3140AS Datasheet HTML 7Page - Intersil Corporation CA3140AS Datasheet HTML 8Page - Intersil Corporation CA3140AS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . 36V
Differential Mode Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . (V+ +8V) To (V- -0.5V)
Input Terminal Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA
Output Short Circuit Duration (Note 2). . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
100
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
160
N/A
Metal Can Package . . . . . . . . . . . . . . .
170
85
Maximum Junction Temperature (Metal Can Package). . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Short circuit may be applied to ground or to either supply.
Electrical Specifications
VSUPPLY = ±15V, TA = 25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL VALUES
UNITS
CA3140
CA3140A
Input Offset Voltage Adjustment Resistor
Typical Value of Resistor
Between Terminals 4 and 5 or 4 and 1 to
Adjust Max VIO
4.7
18
k
Ω
Input Resistance
RI
1.5
1.5
T
Ω
Input Capacitance
CI
44
pF
Output Resistance
RO
60
60
Ω
Equivalent Wideband Input Noise Voltage
(See Figure 27)
eN
BW = 140kHz, RS = 1MΩ
48
48
µV
Equivalent Input Noise Voltage (See Figure 35)
eN
RS = 100Ω
f = 1kHz
40
40
nV/
√Hz
f = 10kHz
12
12
nV/
√Hz
Short Circuit Current to Opposite Supply
IOM+
Source
40
40
mA
IOM-
Sink
18
18
mA
Gain-Bandwidth Product, (See Figures 6, 30)
fT
4.5
4.5
MHz
Slew Rate, (See Figure 31)
SR
9
9
V/
µs
Sink Current From Terminal 8 To Terminal 4 to
Swing Output Low
220
220
µA
Transient Response (See Figure 28)
tr
RL = 2kΩ
CL = 100pF
Rise Time
0.08
0.08
µs
OS
Overshoot
10
10
%
Settling Time at 10VP-P, (See Figure 5)
tS
RL = 2kΩ
CL = 100pF
Voltage Follower
To 1mV
4.5
4.5
µs
To 10mV
1.4
1.4
µs
Electrical Specifications
For Equipment Design, at VSUPPLY = ±15V, TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
CA3140
CA3140A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Input Offset Voltage
|VIO|-
5
15
-
2
5
mV
Input Offset Current
|IIO|
-
0.5
30
-
0.5
20
pA
Input Current
II
-
10
50
-
10
40
pA
Large Signal Voltage Gain (Note 3)
(See Figures 6, 29)
AOL
20
100
-
20
100
-
kV/V
86
100
-
86
100
-
dB
CA3140, CA3140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com