Electronic Components Datasheet Search
  English  ▼

X  

CA3140AS Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3140AS
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AS Datasheet(HTML) 3 Page - Intersil Corporation

  CA3140AS Datasheet HTML 1Page - Intersil Corporation CA3140AS Datasheet HTML 2Page - Intersil Corporation CA3140AS Datasheet HTML 3Page - Intersil Corporation CA3140AS Datasheet HTML 4Page - Intersil Corporation CA3140AS Datasheet HTML 5Page - Intersil Corporation CA3140AS Datasheet HTML 6Page - Intersil Corporation CA3140AS Datasheet HTML 7Page - Intersil Corporation CA3140AS Datasheet HTML 8Page - Intersil Corporation CA3140AS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Common Mode Rejection Ratio
(See Figure 34)
CMRR
-
32
320
-
32
320
µV/V
70
90
-
70
90
-
dB
Common Mode Input Voltage Range (See Figure 8)
VICR
-15
-15.5 to +12.5
11
-15
-15.5 to +12.5
12
V
Power-Supply Rejection Ratio,
∆VIO/∆VS (See Figure 36)
PSRR
-
100
150
-
100
150
µV/V
76
80
-
76
80
-
dB
Max Output Voltage (Note 4)
(See Figures 2, 8)
VOM+
+12
13
-
+12
13
-
V
VOM-
-14
-14.4
-
-14
-14.4
-
V
Supply Current (See Figure 32)
I+
-
4
6
-
4
6
mA
Device Dissipation
PD
-
120
180
-
120
180
mW
Input Offset Voltage Temperature Drift
∆VIO/∆T-
8
-
-
6
-
µV/oC
NOTES:
3. At VO = 26VP-P, +12V, -14V and RL = 2kΩ.
4. At RL = 2kΩ.
Electrical Specifications
For Equipment Design, at VSUPPLY = ±15V, TA = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
CA3140
CA3140A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Electrical Specifications
For Design Guidance At V+ = 5V, V- = 0V, TA = 25
oC
PARAMETER
SYMBOL
TYPICAL VALUES
UNITS
CA3140
CA3140A
Input Offset Voltage
|VIO|5
2
mV
Input Offset Current
|IIO|
0.1
0.1
pA
Input Current
II
22
pA
Input Resistance
RI
11
T
Ω
Large Signal Voltage Gain (See Figures 6, 29)
AOL
100
100
kV/V
100
100
dB
Common Mode Rejection Ratio
CMRR
32
32
µV/V
90
90
dB
Common Mode Input Voltage Range (See Figure 8)
VICR
-0.5
-0.5
V
2.6
2.6
V
Power Supply Rejection Ratio
PSRR
∆VIO/∆VS
100
100
µV/V
80
80
dB
Maximum Output Voltage (See Figures 2, 8)
VOM+3
3
V
VOM-
0.13
0.13
V
Maximum Output Current:
Source
IOM+10
10
mA
Sink
I
OM-1
1
mA
Slew Rate (See Figure 31)
SR
7
7
V/
µs
Gain-Bandwidth Product (See Figure 30)
fT
3.7
3.7
MHz
Supply Current (See Figure 32)
I+
1.6
1.6
mA
Device Dissipation
PD
88
mW
Sink Current from Terminal 8 to Terminal 4 to Swing Output Low
200
200
µA
CA3140, CA3140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com