Electronic Components Datasheet Search
  English  ▼

X  

CA3140AS Datasheet(PDF) 10 Page - Intersil Corporation

Part # CA3140AS
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AS Datasheet(HTML) 10 Page - Intersil Corporation

Back Button CA3140AS Datasheet HTML 6Page - Intersil Corporation CA3140AS Datasheet HTML 7Page - Intersil Corporation CA3140AS Datasheet HTML 8Page - Intersil Corporation CA3140AS Datasheet HTML 9Page - Intersil Corporation CA3140AS Datasheet HTML 10Page - Intersil Corporation CA3140AS Datasheet HTML 11Page - Intersil Corporation CA3140AS Datasheet HTML 12Page - Intersil Corporation CA3140AS Datasheet HTML 13Page - Intersil Corporation CA3140AS Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
FIGURE 10A. CIRCUIT
Top Trace: Output at junction of 2.7
Ω and 51Ω resistors;
5V/Div., 500ms/Div.
Center Trace: External output of triangular function generator;
2V/Div., 500ms/Div.
Bottom Trace: Output of “Log” generator; 10V/Div., 500ms/Div.
FIGURE 10B. FIGURE FUNCTION GENERATOR SWEEPING
1V/Div., 1s/Div.
Three tone test signals, highest frequency
≥0.5MHz. Note the slight
asymmetry at the three second/cycle signal. This asymmetry is due to
slightly different positive and negative integration from the CA3080A
and from the PC board and component leakages at the 100pA level.
FIGURE 10C. FUNCTION GENERATOR WITH FIXED
FREQUENCIES
FIGURE 10D. INTERCONNECTIONS
FIGURE 10. FUNCTION GENERATOR
0.1
µF
1N914
6
7
4
2
3
0.1
µF
5.1k
Ω
10k
Ω
2.7k
Ω
6
7
4
2
5
-15V
13k
Ω
+15V
CENTERING
10k
Ω
-15V
910k
Ω
62k
Ω
11k
Ω
10k
Ω
EXTERNAL
OUTPUT
11k
Ω
HIGH
FREQUENCY
LEVEL
7-60pF
EXTERNAL
OUTPUT
TO OUTPUT
AMPLIFIER
OUTPUT
AMPLIFIER
TO
SINE WAVE
SHAPER
2k
Ω
FREQUENCY
ADJUSTMENT
HIGH
FREQ.
SHAPE
SYMMETRY
THIS NETWORK IS USED WHEN THE
OPTIONAL BUFFER CIRCUIT IS NOT USED
-15V
+15V
10k
Ω
120
Ω
39k
Ω
100k
Ω
3
6
3
2
4
7
7.5k
Ω
+15V
+15V
15k
Ω
360
Ω
360
Ω
2M
Ω
7-60
pF
-15V
-15V
+15V
51
pF
+
CA3080A
-
CA3140
CA3080
+
-
+
-
5
-15V
FROM BUFFER METER
DRIVER (OPTIONAL)
FREQUENCY
ADJUSTMENT
METER DRIVER
AND BUFFER
AMPLIFIER
FUNCTION
GENERATOR
SINE WAVE
SHAPER
M
POWER
SUPPLY
±15V
-15V
+15V
DC LEVEL
ADJUST
51
Ω
WIDEBAND
LINE DRIVER
SWEEP
GENERATOR
GATE
SWEEP
V-
SWEEP
LENGTH
EXTERNAL
INPUT
OFF
V-
COARSE
RATE
FINE
RATE
EXT.
INT.
CA3140, CA3140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com