Electronic Components Datasheet Search
  English  ▼

X  

CA3140AS Datasheet(PDF) 11 Page - Intersil Corporation

Part # CA3140AS
Description  4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3140AS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CA3140AS Datasheet HTML 7Page - Intersil Corporation CA3140AS Datasheet HTML 8Page - Intersil Corporation CA3140AS Datasheet HTML 9Page - Intersil Corporation CA3140AS Datasheet HTML 10Page - Intersil Corporation CA3140AS Datasheet HTML 11Page - Intersil Corporation CA3140AS Datasheet HTML 12Page - Intersil Corporation CA3140AS Datasheet HTML 13Page - Intersil Corporation CA3140AS Datasheet HTML 14Page - Intersil Corporation CA3140AS Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FIGURE 11. METER DRIVER AND BUFFER AMPLIFIER
FIGURE 12. SINE WAVE SHAPER
FIGURE 13. SWEEPING GENERATOR
FREQUENCY
CALIBRATION
MINIMUM
200
µA
METER
FREQUENCY
CALIBRATION
MAXIMUM
METER
SENSITIVITY
ADJUSTMENT
METER
POSITION
ADJUSTMENT
CA3080A
6
3
2
4
7
+
CA3140
-
FREQUENCY
ADJUSTMENT
10k
Ω
620
Ω
4.7k
Ω
0.1
µF
12k
Ω
2k
Ω
500k
Ω
620k
Ω
51k
Ω
3M
Ω
510
Ω
510
Ω
2k
Ω
3.6k
Ω
-15V
M
11
14
13
3/
5 OF CA3086
5
4
TO CA3080A
OF FUNCTION
GENERATOR
(FIGURE 10)
7
8
6
9
1k
Ω
2.4k
Ω
2.5
k
Ω
+15V
SWEEP IN
10
12
6
3
2
4
7
+
CA3140
-
7
2
8
5
6
1
4
3
9
5.1k
Ω
0.1
µF
-15V
D1
D4
D2
D3
D6
D5
CA3019
DIODE ARRAY
EXTERNAL
OUTPUT
+15V
+15V
-15V
100
k
Ω
SUBSTRATE
OF CA3019
TO
WIDEBAND
OUTPUT
AMPLIFIER
7.5k
Ω
5.6k
Ω
-15V
R3 10k
Ω
10k
Ω
0.1
µF
1M
Ω
9.1k
Ω
R1
10k
Ω
R2
1k
Ω
430
Ω
4
7
+
CA3140
-
0.1
+15V
-15V
2
3
6
µF
0.1
µF
COARSE
RATE
SAWTOOTH
SYMMETRY
0.47
µF
0.047
µF
4700pF
470pF
7
3
2
6
4
+
CA3140
-
5
1
3
2
4
1
5
51k
Ω
6.8k
Ω
91k
Ω
10k
Ω
100
Ω
390
Ω
3.9
Ω
25k
Ω
+15V
-15V
10k
Ω
10k
Ω
100k
Ω
30k
Ω
43k
Ω
LOGVIO
50k
Ω
LOG
RATE
10k
Ω
GATE
PULSE
OUTPUT
-15V
EXTERNAL OUTPUT
TO FUNCTION GENERATOR “SWEEP IN”
SWEEP WIDTH
TO OUTPUT
AMPLIFIER
36k
Ω
51k
Ω
75k
Ω
50k
Ω
SAWTOOTH
“LOG”
TRIANGLE
+15V
+15V
4
7
+
CA3140
-
3
2
6
+15V
TRANSISTORS
FROM CA3086
ARRAY
ADJUST
TRIANGLE
SAWTOOTH
“LOG”
8.2k
Ω
100k
Ω
100k
Ω
FINE
RATE
SAWTOOTH
22M
Ω
1M
Ω
18M
Ω
750k
Ω
“LOG”
1N914
1N914
SAWTOOTH AND
RAMP LOW LEVEL
SET (-14.5V)
-15V
CA3140, CA3140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com