Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7934 Datasheet HTML 7Page - Analog Devices AD7934 Datasheet HTML 8Page - Analog Devices AD7934 Datasheet HTML 9Page - Analog Devices AD7934 Datasheet HTML 10Page - Analog Devices AD7934 Datasheet HTML 11Page - Analog Devices AD7934 Datasheet HTML 12Page - Analog Devices AD7934 Datasheet HTML 13Page - Analog Devices AD7934 Datasheet HTML 14Page - Analog Devices AD7934 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD7933/AD7934
Rev. B | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, unless otherwise noted.
SUPPLY RIPPLE FREQUENCY (kHz)
–60
–70
–80
–90
–110
–100
–120
10
210
610
410
810
1010
100mV p-p SINE WAVE ON VDD AND/OR VDRIVE
NO DECOUPLING
DIFFERENTIAL/SINGLE-ENDED MODE
INT REF
EXT REF
Figure 3. PSRR vs. Supply Ripple Frequency Without Supply Decoupling
NOISE FREQUENCY (kHz)
–70
–75
–90
–85
–80
–95
0
100
400
200
300
600
500
800
700
INTERNAL/EXTERNAL REFERENCE
VDD =5V
Figure 4. Channel-to-Channel Isolation
FREQUENCY (kHz)
80
20
30
40
50
60
70
0
100
400
200
300
600
500
1000
700
800
900
FSAMPLE = 1.5MSPS
RANGE = 0 TO VREF
DIFFERENTIAL MODE
VDD =5V
VDD =3V
Figure 5. AD7934 SINAD vs. Analog Input Frequency for Various Supply Voltages
FREQUENCY (kHz)
0
–10
–20
–50
–40
–30
–90
–100
–80
–70
–60
–110
4096 POINT FFT
VDD =5V
FSAMPLE =1.5MSPS
FIN = 49.62kHz
SINAD = 70.94dB
THD = –90.09dB
DIFFERENTIAL MODE
Figure 6. AD7934 FFT @ VDD = 5 V
CODE
1.0
0.8
0.6
0.4
0.2
–0.2
0
–0.8
–0.6
–0.4
–1.0
0
500
2000
1000
1500
3000
2500
4000
3500
VDD =5V
DIFFERENTIAL MODE
Figure 7. AD7934 Typical DNL @ VDD = 5 V
CODE
1.0
0.8
0.6
0.4
0.2
–0.2
0
–0.8
–0.6
–0.4
–1.0
0
500
2000
1000
1500
3000
2500
4000
3500
VDD =5V
DIFFERENTIAL MODE
Figure 8. AD7934 Typical INL @ VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com