Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7934 Datasheet HTML 21Page - Analog Devices AD7934 Datasheet HTML 22Page - Analog Devices AD7934 Datasheet HTML 23Page - Analog Devices AD7934 Datasheet HTML 24Page - Analog Devices AD7934 Datasheet HTML 25Page - Analog Devices AD7934 Datasheet HTML 26Page - Analog Devices AD7934 Datasheet HTML 27Page - Analog Devices AD7934 Datasheet HTML 28Page - Analog Devices AD7934 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
AD7933/AD7934
Rev. B | Page 25 of 32
Writing Data to the AD7933/AD7934
With W/B tied logic high, a single write operation transfers the
full data-word on DB0 to DB11 to the control register on the
AD7933/AD7934. The DB8/HBEN pin assumes its DB8
function. Data written to the AD7933/AD7934 should be
provided on the DB0 to DB11 inputs, with DB0 being the LSB
of the data-word. With W/B tied logic low, the AD7933/AD7934
requires two write operations to transfer a full 12-bit word.
DB8/HBEN assumes its HBEN function. Data written to the
AD7933/AD7934 should be provided on the DB0 to DB7
inputs. HBEN determines whether the byte written is high byte
or low byte data. The low byte of the data-word has DB0 being
the LSB of the full data-word. For the high byte write, HBEN
should be high and the data on the DB0 input should be Data
Bit 8 of the 12-bit word.
Figure 36 shows the write cycle timing diagram of the
AD7933/AD7934 in word mode. When operating in word
mode, the HBEN input does not exist and only one write
operation is required to write the word of data to the device.
Provide data on DB0 to DB11. When operating in byte mode,
the two write cycles shown in Figure 37 are required to write the
full data-word to the AD7933/AD7934. In Figure 37, the first
write transfers the lower eight bits of the data-word from DB0
to DB7, and the second write transfers the upper four bits of the
data-word.
When writing to the AD7933/AD7934, the top four bits in the
high byte must be 0s.
The data is latched into the device on the rising edge of WR.
The data needs to be set up a time, t7, before the WR rising
edge and held for a time, t8, after the WR rising edge. The CS
and WR signals are gated internally. CS and WR can be tied
together as the timing specifications for t4 and t5 are 0 ns
minimum (assuming CS and RD have not already been tied
together).
t8
t5
t7
t6
t4
DATA
DB0 TO DB11
WR
CS
Figure 36. AD7933/AD7934 Parallel Interface—Write Cycle Timing for Word Mode Operation (W/B = 1)
t5
t4
t7
t18
t18
t19
t19
t8
t6
t17
LOW BYTE
HIGH BYTE
DB0 TO DB7
HBEN/DB8
WR
CS
Figure 37. AD7933/AD7934 Parallel Interface—Write Cycle Timing for Byte Mode Operation (W/B = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com