Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7934 Datasheet HTML 18Page - Analog Devices AD7934 Datasheet HTML 19Page - Analog Devices AD7934 Datasheet HTML 20Page - Analog Devices AD7934 Datasheet HTML 21Page - Analog Devices AD7934 Datasheet HTML 22Page - Analog Devices AD7934 Datasheet HTML 23Page - Analog Devices AD7934 Datasheet HTML 24Page - Analog Devices AD7934 Datasheet HTML 25Page - Analog Devices AD7934 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD7933/AD7934
Rev. B | Page 22 of 32
starts the sequence again. The WR input must be kept high to
ensure that the control register is not accidentally overwritten
and the sequence interrupted. This pattern continues until the
AD7933/AD7934 is written to. Figure 31 shows the flowchart of
the consecutive sequence mode.
POWER ON
WRITE TO THE CONTROL REGISTER TO
SET UP OPERATING MODE, ANALOG INPUT
AND OUTPUT CONFIGURATION SELECT
FINAL CHANNEL (ADD1 AND ADD0) IN
CONSECUTIVE SEQUENCE.
SET SEQ0 = 1 SEQ1 = 1.
CONTINUOUSLY CONVERT ON A CONSECUTIVE
SEQUENCE OF CHANNELS FROM CHANNEL 0
UP TO AND INCLUDING THE PREVIOUSLY
SELECTED FINAL CHANNEL ON ADD1 AND ADD0
WITH EACH CONVST PULSE.
Figure 31. Consecutive Sequence Mode Flow Chart
REFERENCE
The AD7933/AD7934 can operate with either the on-chip
reference or an external reference. The internal reference is
selected by setting the REF bit in the internal control register to 1.
A block diagram of the internal reference circuitry is shown in
Figure 32. The internal reference circuitry includes an on-chip
2.5 V band gap reference and a reference buffer. When using the
internal reference, decouple the VREFIN/VREFOUT pin to AGND with a
0.47 μF capacitor. This internal reference not only provides the
reference for the analog-to-digital conversion, but it can also be
used externally in the system. It is recommended that the
reference output is buffered using an external precision op amp
before applying it anywhere in the system.
REFERENCE
AD7933/
AD7934
ADC
BUFFER
VREFIN/
VREFOUT
Figure 32. Internal Reference Circuit Block Diagram
Alternatively, an external reference can be applied to the
VREFIN/VREFOUT pin of the AD7933/AD7934. An external
reference input is selected by setting the REF bit in the internal
control register to 0. The external reference input range is 0.1 V
to VDD. It is important to ensure that, when choosing the
reference value, the maximum analog input range (VIN MAX) is
never greater than VDD + 0.3 V to comply with the maximum
ratings of the device. For example, if operating in differential
mode and the reference is sourced from VDD, the 0 V to 2 × VREF
range cannot be used. This is because the analog input signal
range now extends to 2 × VDD, which exceeds the maximum
rating conditions. In the pseudo differential modes, the user
must ensure that VREF + VIN− ≤ VDD when using the 0 V to VREF
range, or when using the 2 × VREF range that 2 × VREF + VIN− ≤ VDD.
In all cases, the specified reference is 2.5 V.
The performance of the part with different reference values is
shown in Figure 9 to Figure 11. The value of the reference sets
the analog input span and the common-mode voltage range.
Errors in the reference source result in gain errors in the
AD7933/AD7934 transfer function and add to the specified
full-scale errors on the part.
Table 12 lists suitable voltage references available from Analog
Devices that can be used. Figure 33 shows a typical connection
diagram for an external reference.
Table 12. Examples of Suitable Voltage References
Reference
Output
Voltage (V)
Initial Accuracy
(% maximum)
Operating
Current (μA)
AD780
2.5/3
0.04
1000
ADR421
2.5
0.04
500
ADR420
2.048
0.05
500
1
AD780
NC
8
2
+VIN
NC
7
3
GND
6
4
TEMP
5
O/P SELECT
TRIM
VOUT
VREF
2.5V
NC
NC
VDD
NC = NO CONNECT
10nF
0.1µF
0.1µF
0.1µF
*ADDITIONAL PINS OMITTED FOR CLARITY.
AD7933/
AD7934*
Figure 33. Typical VREF Connection Diagram
Digital Inputs
The digital inputs applied to the AD7933/AD7934 are not
limited by the maximum ratings that limit the analog inputs.
Instead, the digital inputs applied can go to 7 V and are not
restricted by the VDD + 0.3 V limit that is on the analog inputs.
Another advantage of the digital inputs not being restricted by
the VDD + 0.3 V limit is the fact that power supply sequencing
issues are avoided. If any of these inputs are applied before VDD,
there is no risk of latch-up as there would be on the analog inputs
if a signal greater than 0.3 V was applied prior to VDD.
VDRIVE Input
The AD7933/AD7934 have a VDRIVE feature. VDRIVE controls the
voltage at which the parallel interface operates. VDRIVE allows the
ADC to easily interface to 3 V and 5 V processors.
For example, if the AD7933/AD7934 are operated with a VDD
of 5 V, and the VDRIVE pin is powered from a 3 V supply, the
AD7933/AD7934 have better dynamic performance with a
VDD of 5 V while still being able to interface to 3 V processors.
Ensure that VDRIVE does not exceed VDD by more than 0.3 V (see
the Absolute Maximum Ratings section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com