Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7934 Datasheet HTML 13Page - Analog Devices AD7934 Datasheet HTML 14Page - Analog Devices AD7934 Datasheet HTML 15Page - Analog Devices AD7934 Datasheet HTML 16Page - Analog Devices AD7934 Datasheet HTML 17Page - Analog Devices AD7934 Datasheet HTML 18Page - Analog Devices AD7934 Datasheet HTML 19Page - Analog Devices AD7934 Datasheet HTML 20Page - Analog Devices AD7934 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD7933/AD7934
Rev. B | Page 17 of 32
CIRCUIT INFORMATION
The AD7933/AD7934 are fast, 4-channel, 10-bit and 12-bit,
single-supply, successive approximation analog-to-digital
converters. The parts operate from a 2.7 V to 5.25 V power
supply and feature throughput rates up to 1.5 MSPS.
The AD7933/AD7934 provide the user with an on-chip
track-and-hold, an internal accurate reference, an analog-to-
digital converter, and a parallel interface housed in a 28-lead
TSSOP package.
The AD7933/AD7934 have four analog input channels that
can be configured to be four single-ended inputs, two fully
differential pairs, or two pseudo differential pairs. There is
an on-chip channel sequencer that allows the user to select a
consecutive sequence of channels through which the ADC can
cycle with each falling edge of CONVST.
The analog input range for the AD7933/AD7934 is 0 V to VREF
or 0 V to 2 × VREF, depending on the status of the RANGE bit in
the control register. The output coding of the ADC can be either
binary or twos complement, depending on the status of the
CODING bit in the control register.
The AD7933/AD7934 provide flexible power management
options to allow users to achieve the best power performance
for a given throughput rate. These options are selected by
programming PM1 and PM0, the power management bits, in
the control register.
CONVERTER OPERATION
The AD7933/AD7934 are successive approximation ADCs
based around two capacitive digital-to-analog converters (DACs).
Figure 14 and Figure 15 show simplified schematics of the ADC
in acquisition and conversion phase, respectively. The ADC
comprises control logic, a SAR, and two capacitive DACs. Both
figures show the operation of the ADC in differential/pseudo
differential modes. Single-ended mode operation is similar but
VIN− is internally tied to AGND. In acquisition phase, SW3 is
closed, SW1 and SW2 are in Position A, the comparator is held
in a balanced condition, and the sampling capacitor arrays
acquire the differential signal on the input.
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
Figure 14. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 15), SW3 opens
and SW1 and SW2 move to Position B, causing the comparator
to become unbalanced. Both inputs are disconnected once the
conversion begins. The control logic and charge redistribution
DACs are used to add and subtract fixed amounts of charge
from the sampling capacitor arrays to bring the comparator
back into a balanced condition. When the comparator is
rebalanced, the conversion is complete. The control logic
generates the output code of the ADC. The output impedances
of the sources driving the VIN+ and the VIN− pins must match;
otherwise, the two inputs have different settling times, resulting
in errors.
VIN+
VIN–
A
B
SW1
SW3
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
CS
CS
VREF
SW2
B
A
Figure 15. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding for the AD7933/AD7934 is either straight
binary or twos complement, depending on the status of the
CODING bit in the control register. The designed code transitions
occur at successive LSB values (1 LSB, 2 LSBs, and so on), and
the LSB size is VREF/1024 for the AD7933 and VREF/4096 for the
AD7934. The ideal transfer characteristics of the AD7933/AD7934
for both straight binary and twos complement output coding are
shown in Figure 16 and Figure 17, respectively.
000...000
111...111
1LSB = VREF/4096 (AD7934)
1LSB = VREF/1024 (AD7933)
1LSB
+VREF –1 LSB
ANALOG INPUT
0V
NOTES
1. VREF IS EITHER VREF OR 2 × VREF.
000...001
000...010
111...110
111...000
011...111
Figure 16. AD7933/AD7934 Ideal Transfer Characteristic
with Straight Binary Output Coding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com