Electronic Components Datasheet Search
  English  ▼

X  

AD7934 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7934
Description  4-Channel, 1.5 MSPS, 10-Bit and 12-Bit Parallel ADCs with a Sequencer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7934 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7934 Datasheet HTML 12Page - Analog Devices AD7934 Datasheet HTML 13Page - Analog Devices AD7934 Datasheet HTML 14Page - Analog Devices AD7934 Datasheet HTML 15Page - Analog Devices AD7934 Datasheet HTML 16Page - Analog Devices AD7934 Datasheet HTML 17Page - Analog Devices AD7934 Datasheet HTML 18Page - Analog Devices AD7934 Datasheet HTML 19Page - Analog Devices AD7934 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD7933/AD7934
Rev. B | Page 16 of 32
SEQUENCER OPERATION
The configuration of the SEQ0 and SEQ1 bits in the control
register allows use of the sequencer function. Table 11 outlines
the two sequencer modes of operation.
Writing to the Control Register to Program the Sequencer
The AD7933 and AD7934 need 13 full CLKIN periods to
perform a conversion. If the ADC does not receive the full 13
CLKIN periods, the conversion aborts. If a conversion is
aborted after applying 12.5 CLKIN periods to the ADC, ensure
that a rising edge of CONVST or a falling edge of CLKIN is
applied to the part before writing to the control register to
program the sequencer. If these conditions are not met, the
sequencer will not be in the correct state to handle being
reprogrammed for another sequence of conversions and the
performance of the converter is not guaranteed.
Table 10. Analog Input Type Selection
MODE0 = 0, MODE1 = 0
MODE0 = 0, MODE1 = 1
MODE0 = 1, MODE1 = 0
MODE0 = 1, MODE1 = 1
Channel Address
Four Single-Ended
Input Channels
Two Fully Differential
Input Channels
Two Pseudo Differential
Input Channels
Not Used
ADD1
ADD0
VIN+
VIN−
VIN+
VIN−
VIN+
VIN−
0
0
VIN0
AGND
VIN0
VIN1
VIN0
VIN1
0
1
VIN1
AGND
VIN1
VIN0
VIN1
VIN0
1
0
VIN2
AGND
VIN2
VIN3
VIN2
VIN3
1
1
VIN3
AGND
VIN3
VIN2
VIN3
VIN2
Table 11. Sequence Selection Modes
SEQ0
SEQ1
Sequence Type
0
0
Select this configuration when the sequence function is not used. The analog input channel selected on each individual
conversion is determined by the contents of ADD1 and ADD0, the channel address bits, in each prior write operation. This
mode of operation reflects the normal operation of a multichannel ADC, without using the sequencer function, where
each write to the AD7933/AD7934 selects the next channel for conversion.
0
1
Not used.
1
0
Not used.
1
1
Use this configuration in conjunction with ADD1 and ADD0, the channel address bits, to program continuous conversions
on a consecutive sequence of channels. The sequence of channels extends from Channel 0 through to a selected final
channel as determined by the channel address bits in the control register. When in differential or pseudo differential mode,
inverse channels (for example, VIN1, VIN0) are not converted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com