Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8302 Datasheet HTML 5Page - Analog Devices AD8302 Datasheet HTML 6Page - Analog Devices AD8302 Datasheet HTML 7Page - Analog Devices AD8302 Datasheet HTML 8Page - Analog Devices AD8302 Datasheet HTML 9Page - Analog Devices AD8302 Datasheet HTML 10Page - Analog Devices AD8302 Datasheet HTML 11Page - Analog Devices AD8302 Datasheet HTML 12Page - Analog Devices AD8302 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. A
AD8302
–9–
25ns
HORIZONTAL
20mV PER
VERTICAL
DIVISION
TPC 19. Magnitude Output Response to 4 dB Step, for
PINPB = –30 dBm, PINPA = –32 dBm to –28 dBm, Frequency
1900 MHz, No Filter Capacitor
1.00 s
HORIZONTAL
20mV PER
VERTICAL
DIVISION
TPC 20. Magnitude Output Response to 4 dB Step, for
PINPB = –30 dBm, PINPA = –32 dBm to –28 dBm, Frequency
1900 MHz, 1 nF Filter Capacitor
100ns
HORIZONTAL
200mV PER
VERTICAL
DIVISION
TPC 21. Magnitude Output Response to 40 dB Step, for
PINPB = –30 dBm, PINPA = –50 dBm to –10 dBm, Supply 5 V,
Frequency 1900 MHz, No Filter Capacitor
FREQUENCY – Hz
1k
10k
10000
100k
1M
10M
100M
1000
100
10
INPUT –50dBm
INPUT –30dBm
INPUT –10dBm
TPC 22. Magnitude Output Noise Spectral
Density, PINPA = PINPB = –10 dBm, –30 dBm,
–50 dBm, No Filter Capacitor
FREQUENCY – Hz
1k
10k
10000
100k
1M
10M
100M
1000
100
10
INPUT –50dBm
INPUT –30dBm
INPUT –10dBm
TPC 23. Magnitude Output Noise Spectral Density, PINPA = PINPB
= –10 dBm, –30 dBm, –50 dBm, with Filter Capacitor, C = 1 nF
MAGNITUDE RATIO – dB
–25
–20
0.18
–15
–10
25
–5
0
5
101520
100
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0.00
900
1900
2200
2700
TPC 24. VMAG Peak-to-Peak Output Induced by Sweeping
Phase Difference through 360 Degrees vs. Magnitude Ratio,
Frequencies 100 MHz, 900 MHz, 1900 MHz, 2200 MHz, and
2700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com