Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8302 Datasheet HTML 8Page - Analog Devices AD8302 Datasheet HTML 9Page - Analog Devices AD8302 Datasheet HTML 10Page - Analog Devices AD8302 Datasheet HTML 11Page - Analog Devices AD8302 Datasheet HTML 12Page - Analog Devices AD8302 Datasheet HTML 13Page - Analog Devices AD8302 Datasheet HTML 14Page - Analog Devices AD8302 Datasheet HTML 15Page - Analog Devices AD8302 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. A
AD8302
–12–
VPHS – mV/Degree
9.5
9.7
9.9
10.1
10.3
10.5
10.7
10.9
0
2
4
6
8
10
12
14
11.1
16
TPC 37. VPHS Slope Distribution, Frequency
900 MHz
50ns HORIZONTAL
10mV PER
VERTICAL
DIVISION
TPC 38. VPHS Output Response to 4 Step with Nominal
Phase Shift of 90 , Input Levels –30 dBm, Frequency
1900 MHz, 25 C, 1 pF Filter Capacitor
2 s HORIZONTAL
10mV PER
VERTICAL
DIVISION
TPC 39. VPHS Output Response to 4 Step with Nominal
Phase Shift of 90 , Input Levels PINPA = PINPB = –30 dBm,
Supply 5 V, Frequency 1900 MHz, 25 C, with 100 pF Filter
Capacitor
50ns HORIZONTAL
100mV PER
VERTICAL
DIVISION
TPC 40. VPHS Output Response to 40 Step with Nominal
Phase Shift of 90 , Input Levels PINPA = PINPB = –30 dBm,
Frequency 1900 MHz,1 pF Filter Capacitor
FREQUENCY – Hz
1k
10000
1000
100
10
10k
100k
1M
10M
100M
INPUT –50dBm
INPUT –30dBm
INPUT –10dBm
TPC 41. VPHS Output Noise Spectral Density vs. Frequency,
PINPA = –30 dBm, PINPB = –10 dBm, –30 dBm, –50 dBm, and
90 Input Phase Difference
PHASE DIFFERENCE – Degrees
–180 –150
1.80
–120 –90 –60 –30
0
306090
1.62
1.44
1.26
1.08
0.90
0.72
0.54
0.36
0.00
120 150 180
0.18
PINPA = –45dBm
PINPA = –15dBm
PINPA = –30dBm
TPC 42. Phase Output vs. Input Phase Difference, PINPA =
PINPB, PINPA = PINPB + 15 dB, PINPA = PINPB – 15 dB, Frequency
900 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com