Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8302 Datasheet HTML 12Page - Analog Devices AD8302 Datasheet HTML 13Page - Analog Devices AD8302 Datasheet HTML 14Page - Analog Devices AD8302 Datasheet HTML 15Page - Analog Devices AD8302 Datasheet HTML 16Page - Analog Devices AD8302 Datasheet HTML 17Page - Analog Devices AD8302 Datasheet HTML 18Page - Analog Devices AD8302 Datasheet HTML 19Page - Analog Devices AD8302 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
REV. A
AD8302
–16–
Note that by convention, the phase difference is taken in the range
from –180
° to +180°. Since this style of phase detector does not
distinguish between
±90°, it is considered to have an unambiguous
180
° phase difference range that can be either 0° to +180° centered
at +90
° or 0° to –180° centered at –90°.
The basic structure of both output interfaces is shown in Figure 3. It
accepts a setpoint input and includes an internal integrating/averag-
ing capacitor and a buffer amplifier with gain K. External access to
these setpoints provides for several modes of operation and enables
flexible tailoring of the gain and phase transfer characteristics. The
setpoint interface block, characterized by a transresistance RF, gener-
ates a current proportional to the voltage presented to its input pin,
MSET or PSET. A precise offset voltage of 900 mV is introduced
internally to establish the center-point (VCP) for the gain and phase
functions, i.e., the setpoint voltage that corresponds to a gain of 0 dB
and a phase difference of 90
°. This setpoint current is subtracted
from the signal current, IIN, coming from the log amps in the gain
channel or from the phase detector in the phase channel. The result-
ing difference is integrated on the averaging capacitors at either pin
MFLT or PFLT and then buffered by the output amplifier to the
respective output pins, VMAG and VPHS. With this open-loop
arrangement, the output voltage is a simple integration of the differ-
ence between the measured gain/phase and the desired setpoint:
VR I
I
sT
OUT
F
IN
FB
=−
() ( )
/
(6)
where IFB is the feedback current equal to (VSET – VCP)/RF, VSET
is the setpoint input, and T is the integration time constant equal
to RFCAVE/K, where CAVE is the parallel combination of the inter-
nal 1.5 pF and the external capacitor CFLT.
K
RF
MSET/PSET
20k
+
+
VCP = 900mV
1.5pF
CFLT
MFLT/PFLT
VMAG/VPHS
IIN = ILA OR IPD
IFB
+
–
Figure 3. Simplified Block Diagram of the Output Interface
BASIC CONNECTIONS
Measurement Mode
The basic function of the AD8302 is the direct measurement of gain
and phase. When the output pins, VMAG and VPHS, are connected
directly to the feedback setpoint input pins, MSET and PSET, the
default slopes and center points are invoked. This basic connection
shown in Figure 4 is termed the measurement mode. The current
from the setpoint interface is forced by the integrator to be equal to
the signal currents coming from the log amps and phase detector.
The closed loop transfer function is thus given by:
VI
R
V
/
sT
OUT
IN
F
CP
=+
() +
()
1
(7)
The time constant T represents the single-pole response to the enve-
lope of the dB-scaled gain and the degree-scaled phase functions. A
small internal capacitor sets the maximum envelope bandwidth to
approximately 30 MHz. If no external CFLT is used, the AD8302
can follow the gain and phase envelopes within this bandwidth. If
longer averaging is desired, CFLT can be added as necessary accord-
ing to T (ns) = 3.3
× CAVE (pF). For best transient response with
minimal overshoot, it is recommended that 1 pF minimum value
external capacitors be added to the MFLT and PFLT pins.
1
COMM
MFLT 14
INPA
VMAG
213
OFSA
MSET
312
VPOS
VREF
411
OFSB
PSET
510
INPB
VPHS
69
COMM
PFLT
78
AD8302
C2
VMAG
VPHS
C8
C1
C4
C6
C5
R1
R2
VINA
VINB
VP
C7
R4
C3
Figure 4. Basic Connections in Measurement Mode with
30 mV/dB and 10 mV/Degree Scaling
In the low frequency limit, the gain and phase transfer functions
given in Equations 4 and 5 become:
VR I
V
V
V
or
MAG
F SLP
INA
INB
CP
=
()+
log
/
(8a)
VR I
P
P
V
MAG
F SLP
INA
INB
CP
=
()
−
()+
/20
(8b)
VR I
V
V
V
PHS
F
INA
INB
CP
=
()− ()
°
()+
–
||–
Φ ΦΦ
90
(9)
which are illustrated in Figure 5. In Equation 8b, PINA and PINB are
the power in dBm equivalent to VINA and VINB at a specified refer-
ence impedance. For the gain function, the slope represented by
RF ISLP is 600 mV/decade or, dividing by 20 dB/decade, 30 mV/dB.
With a center point of 900 mV for 0 dB gain, a range of –30 dB to
+30 dB covers the full-scale swing from 0 V to 1.8 V. For the phase
function, the slope represented by RFIΦ is 10 mV/degree. With a
center point of 900 mV for 90
°, a range of 0° to 180° covers the
full-scale swing from 1.8 V to 0 V. The range of 0
° to –180° covers
the same full-scale swing but with the opposite slope.
1.8V
900mV
0V
30mV/dB
VCP
MAGNITUDE RATIO – dB
–30
0
+30
1.8V
900mV
0V
PHASE DIFFERENCE – Degrees
+10mV/DEG
–10mV/DEG
VCP
–180
–90
0
90
180
Figure 5. Idealized Transfer Characteristics for the Gain
and Phase Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com