Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8302 Datasheet HTML 15Page - Analog Devices AD8302 Datasheet HTML 16Page - Analog Devices AD8302 Datasheet HTML 17Page - Analog Devices AD8302 Datasheet HTML 18Page - Analog Devices AD8302 Datasheet HTML 19Page - Analog Devices AD8302 Datasheet HTML 20Page - Analog Devices AD8302 Datasheet HTML 21Page - Analog Devices AD8302 Datasheet HTML 22Page - Analog Devices AD8302 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. A
AD8302
–19–
The comparator mode can be turned into a controller mode by
closing the loop around the VMAG and VPHS outputs.
Figure 11 illustrates a closed loop controller that stabilizes the gain
and phase of a DUT with gain and phase adjustment elements.
If VMAG and VPHS are properly conditioned to drive gain and
phase adjustment blocks preceding the DUT, the actual gain and
phase of the DUT will be forced toward the prescribed setpoint
gain and phase given in Equations 11 and 12. These are essentially
AGC and APC loops. Note that as with all control loops of this kind,
loop dynamics and appropriate interfaces all must be considered
in more detail.
MAG
SETPOINT
PHASE
SETPOINT
VMAG
MSET
PSET
VPHS
INPA
INPB
MAG
AD8302
Figure 11. By Applying Overall Feedback to a DUT Via
External Gain and Phase Adjusters, the AD8302 Acts
as a Controller
APPLICATIONS
Measuring Amplifier Gain and Compression
The most fundamental application of AD8302 is the monitoring
of the gain and phase response of a functional circuit block such as
an amplifier or a mixer. As illustrated in Figure 12, directional
couplers, DCB and DCA, sample the input and output signals of
the “Black Box” DUT. The attenuators ensure that the signal
levels presented to the AD8302 fall within its dynamic range.
From the discussion in the Dynamic Range section, the optimal
choice places both channels at POPT = –30 dBm referenced to 50
Ω,
which corresponds to –43 dBV. To achieve this, the combination
of coupling factor and attenuation are given by:
CL
P
P
B
B
IN
OPT
+=
−
(15)
(16)
where CB and CA are the coupling coefficients, LB and LA are the
attenuation factors, and GAINNOM is the nominal DUT gain. If
identical couplers are used for both ports, then the difference in the
two attenuators compensates for the nominal DUT gain. When the
actual gain is nominal, the VMAG output is 900 mV, corresponding
to 0 dB. Variations from nominal gain appear as a deviation from
900 mV or 0 dB with a 30 mV/dB scaling. Depending on the nominal
insertion phase associated with DUT, the phase measurement may
require a fixed phase shift in series with one of the channels to bring
the nominal phase difference presented to the AD8302 near the
optimal 90
° point.
When the insertion phase is nominal, the VPHS output is 900 mV.
Deviations from the nominal are reported with a 10 mV/degree
scaling. Table I gives suggested component values for the
measurement of an amplifier with a nominal gain of 10 dB and
an input power of –10 dBm.
ATTENA
DCA
ATTENB
DCB
R5
H
R6
H
“BLACK BOX”
1
COMM
MFLT 14
INPA
VMAG
213
OFSA
MSET
312
VPOS
VREF
411
OFSB
PSET
510
INPB
VPHS
69
COMM
PFLT
78
AD8302
C2
C8
C1
C4
C6
C5
R1
R2
VP
C7
R4
C3
Figure 12. Using the AD8302 to Measure the Gain and
Insertion Phase of an Amplifier or Mixer
Table I. Component Values for Measuring a 10 dB Amplifier
with an Input Power of –10 dBm
Component
Value
Quantity
R1, R2
52.3
Ω
2
R5, R6
100
Ω
2
C1, C4, C5, C6
0.001
µF4
C2, C8
Open
C3
100 pF
1
C7
0.1
µF1
AttenA
10 dB (See Text)
1
AttenB
1 dB (See Text)
1
DCA, DCB
20 dB
2
The gain measurement application can also monitor gain and
phase distortion in the form of AM-AM (gain compression) and
AM-PM conversion. In this case, the nominal gain and phase
corresponds to those at low input signal levels. As the input level
is increased, output compression and excess phase shifts are
measured as deviations from the low level case. Note that the signal
levels over which the input is swept must remain within the dynamic
range of the AD8302 for proper operation.
C
L
P
GAIN
P
A
A
IN
NOM
OPT
+=
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com