Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8302 Datasheet HTML 14Page - Analog Devices AD8302 Datasheet HTML 15Page - Analog Devices AD8302 Datasheet HTML 16Page - Analog Devices AD8302 Datasheet HTML 17Page - Analog Devices AD8302 Datasheet HTML 18Page - Analog Devices AD8302 Datasheet HTML 19Page - Analog Devices AD8302 Datasheet HTML 20Page - Analog Devices AD8302 Datasheet HTML 21Page - Analog Devices AD8302 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. A
AD8302
–18–
Cross Modulation of Magnitude and Phase
At high frequencies, unintentional cross coupling between signals
in Channels A and B inevitably occurs due to on-chip and board-
level parasitics. When the two signals presented to the AD8302
inputs are at very different levels, the cross coupling introduces
cross modulation of the phase and magnitude responses. If the two
signals are held at the same relative levels and the phase between
them is modulated then only the phase output should respond.
Due to phase-to-amplitude cross modulation, the magnitude out-
put shows a residual response. A similar effect occurs when the
relative phase is held constant while the magnitude difference is
modulated, i.e., an expected magnitude response and a residual
phase response are observed due to amplitude-to-phase cross
modulation. The point where these effects are noticeable depends
on the signal frequency and the magnitude of the difference. Typi-
cally, for differences <20 dB, the effects of cross modulation are
negligible at 900 MHz.
Modifying the Slope and Center Point
The default slope and center point values can be modified with
the addition of external resistors. Since the output interface
blocks are generalized for both magnitude and phase functions,
the scaling modification techniques are equally valid for both
outputs. Figure 8 demonstrates how a simple voltage divider
from the VMAG and VPHS pins to the MSET and PSET pins
can be used to modify the slope. The increase in slope is given by
1 + R1/(R2 20 k
Ω). Note that it may be necessary to account for
the MSET and PSET input impedance of 20 k
Ω which has a ±20%
manufacturing tolerance. As is generally true in such feedback
systems, envelope bandwidth is decreased and the output noise
transferred from the input is increased by the same factor. For
example, by selecting R1 and R2 to be 10 k
Ω and 20 kΩ,
respectively, gain slope increases from the nominal 30 mV/dB
by a factor of 2 to 60 mV/dB. The range is reduced by a factor
of 2 and the new center point is at –15 dB, i.e., the range now
extends from –30 dB, corresponding to VMAG = 0 V, to 0 dB,
corresponding to VMAG = 1.8 V.
NEW SLOPE = 30mV/dB
1
R1
R2
||R20k
VMAG
MSET
20k
R1
R2
Figure 8. Increasing the Slope Requires the Inclusion of a
Voltage Divider
Repositioning the center point back to its original value of 0 dB
simply requires that an appropriate voltage be applied to the
grounded side of the lower resistor in the voltage divider. This
voltage may be provided externally or derived from the internal
reference voltage on pin VREF. For the specific choice of R2 =
20 k
Ω, the center point is easily readjusted to 0 dB by connecting
the VREF pin directly to the lower pin of R2 as shown in Figure 9.
The increase in slope is now simplified to 1 + R1/10 k
Ω. Since this
1.80 V reference voltage is derived from the same band gap
reference that determines the nominal center point, their
tracking with temperature, supply, and part-to-part variations
should be better in comparison to a fixed external voltage. If the
center point is shifted to 0 dB in the previous example where
the slope was doubled, then the range spans from –15 dB at
VMAG = 0 V to 15 dB at VMAG = 1.8 V.
1
R1
10k
NEW SLOPE = 30mV/dB
VMAG
MSET
20k
R1
20k
VREF
Figure 9. The Center Point Is Repositioned with the Help
of the Internal Reference Voltage of 1.80 V
Comparator and Controller Modes
The AD8302 can also operate in a comparator mode if used in
the arrangement shown in Figure 10 where the DUT is the element
to be evaluated. The VMAG and VPHS pins are no longer
connected to MSET and PSET. The trip-point thresholds for the
gain and phase difference comparison are determined by the
voltages applied to pins MSET and PSET according to:
V
V
mV dB
Gain
dB
mV
MSET
SP
()
(
)
=×
+
30
900
(11)
V
V
mV
Phase
mV
PSET
SP
()
|
( )|–
=−
° ×
°
°
(
) +
10
90
900
(12)
where Gain
SP (dB) and PhaseSP (
°) are the desired gain and
phase thresholds. If the actual gain and phase between the two
input channels differ from these thresholds, the VMAG and VPHS
outputs toggle like comparators, i.e.,
18
0
. V if Gain
Gain
V
V if Gain
Gain
SP
MAG
SP
>
=
<
(13)
18
0
. V if Phase
Phase
V
V if Phase
Phase
SP
PHS
SP
>
=
<
(14)
VMAG
VMSET
VPSET
VPHS
1
COMM
MFLT 14
INPA
VMAG
213
OFSA
MSET
312
VPOS
VREF
411
OFSB
PSET
510
INPB
VPHS
69
COMM
PFLT
78
AD8302
C2
C8
C1
C4
C6
C5
R1
R2
VINA
VINB
VP
C7
R4
C3
Figure 10. Disconnecting the Feedback to the Setpoint
Controls, the AD8302 Operates in Comparator Mode
/
/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com