Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8302 Datasheet HTML 7Page - Analog Devices AD8302 Datasheet HTML 8Page - Analog Devices AD8302 Datasheet HTML 9Page - Analog Devices AD8302 Datasheet HTML 10Page - Analog Devices AD8302 Datasheet HTML 11Page - Analog Devices AD8302 Datasheet HTML 12Page - Analog Devices AD8302 Datasheet HTML 13Page - Analog Devices AD8302 Datasheet HTML 14Page - Analog Devices AD8302 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. A
AD8302
–11–
PHASE DIFFERENCE – Degrees
–180 –150
10
–120 –90 –60 –30
0
306090
8
6
4
2
0
–2
–4
–6
–10
120 150 180
–8
–40 C
+85 C
+25 C
TPC 31. Distribution of VPHS Error vs. Input Phase
Difference, Three Sigma to Either Side of Mean, Frequency
1900 MHz, –40 C, +25 C, and +85 C, Supply 5 V, Input
Levels PINPA = PINPB = –30 dBm
PHASE DIFFERENCE – Degrees
–180 –150
10
–120 –90 –60 –30
0
306090
8
6
4
2
0
–2
–4
–6
–10
120 150 180
–8
–40 C
+85 C +25 C
TPC 32. Distribution of VPHS Error vs. Input Phase Differ-
ence, Three Sigma to Either Side of Mean, Frequency
2200 MHz, –40 C, +25 C, and +85 C, Input Levels –30 dBm
PHASE DIFFERENCE – Degrees
–180 –150 –120 –90 –60 –30
0
306090
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.0
120 150 180
0.2
TPC 33. Distribution of VPHS vs. Input Phase Differ-
ence, Three Sigma to Either Side of Mean, Frequency
900 MHz, Temperature between –40 C and +85 C, Input
Levels –30 dBm
TEMPERATURE – C
–40 –30 –20 –10
0
1020304050
–0.35
60
80
90
70
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0.00
0.05
0.10
0.15
MEAN +3 SIGMA
MEAN –3 SIGMA
TPC 34. Change in VPHS Slope vs. Temperature, Three
Sigma to Either Side of Mean, Frequency 1900 MHz
VPHS – mV/Degree
–40 –30 –20 –10
0
1020304050
–40
60
80
90
+3 SIGMA
–3 SIGMA
70
–35
–30
–25
–20
–15
–10
–5
0
5
10
TPC 35. Change in Phase Center Point (PCP) vs.
Temperature, Three Sigma to Either Side of Mean,
Frequency 1900 MHz
PCP – V
0.75
0.80
0.85
0.90
0.95
18
15
12
9
6
0
1.00
1.05
3
TPC 36. Phase Center Point (PCP) Distribution, Frequency
900 MHz, 17,000 Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com