Electronic Components Datasheet Search
  English  ▼

X  

AD8302 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8302
Description  RF/IF Gain and Phase Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8302 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8302 Datasheet HTML 6Page - Analog Devices AD8302 Datasheet HTML 7Page - Analog Devices AD8302 Datasheet HTML 8Page - Analog Devices AD8302 Datasheet HTML 9Page - Analog Devices AD8302 Datasheet HTML 10Page - Analog Devices AD8302 Datasheet HTML 11Page - Analog Devices AD8302 Datasheet HTML 12Page - Analog Devices AD8302 Datasheet HTML 13Page - Analog Devices AD8302 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
REV. A
AD8302
–10–
PHASE DIFFERENCE – Degrees
–180
–140
1.8
–100
–60
–20
20
60
100
140
180
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
900MHz
100MHz
1900MHz
2200MHz
2700MHz
TPC 25. Phase Output (VPHS) vs. Input Phase Difference,
Input Levels –30 dBm, Frequencies 100 MHz, 900 MHz,
1900 MHz, 2200 MHz, Supply 5 V, 2700 MHz
PHASE DIFFERENCE – Degrees
–180 –150
1.80
–120 –90 –60 –30
0
306090
1.62
1.44
1.26
1.08
0.90
0.72
0.54
0.36
0.00
120 150 180
0.18
10
8
6
4
2
0
–2
–4
–6
–10
–8
TPC 26. VPHS Output and Nonlinearity vs. Input Phase
Difference, Input Levels –30 dBm, Frequency 100 MHz
PHASE DIFFERENCE – Degrees
–180 –150
1.80
–120 –90 –60 –30
0
306090
1.62
1.44
1.26
1.08
0.90
0.72
0.54
0.36
0.00
120 150 180
0.18
10
8
6
4
2
0
–2
–4
–6
–10
–8
TPC 27. VPHS Output and Nonlinearity vs. Input Phase
Difference, Input Levels –30 dBm, Frequency 900 MHz
PHASE DIFFERENCE – Degrees
–180 –150
1.80
–120 –90 –60 –30
0
306090
1.62
1.44
1.26
1.08
0.90
0.72
0.54
0.36
0.00
120 150 180
0.18
10
8
6
4
2
0
–2
–4
–6
–10
–8
TPC 28. VPHS Output and Nonlinearity vs. Input Phase
Difference, Input Levels –30 dBm, Frequency 1900 MHz
PHASE DIFFERENCE – Degrees
–180 –150
1.80
–120 –90 –60 –30
0
306090
1.62
1.44
1.26
1.08
0.90
0.72
0.54
0.36
0.00
120 150 180
0.18
10
8
6
4
2
0
–2
–4
–6
–10
–8
TPC 29. VPHS Output and Nonlinearity vs. Input Phase
Difference, Input Levels –30 dBm, Frequency 2200 MHz
PHASE DIFFERENCE – Degrees
–180 –150
10
–120 –90 –60 –30
0
306090
8
6
4
2
0
–2
–4
–6
–10
120 150 180
–8
–40 C
+85 C
+25 C
TPC 30. Distribution of VPHS Error vs. Input Phase Differ-
ence, Three Sigma to Either Side of Mean, Frequency
900 MHz, –40 C, +25 C, and +85 C, Input Levels –30 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com