Electronic Components Datasheet Search
  English  ▼

X  

ADE7758 Datasheet(PDF) 37 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 33Page - Analog Devices ADE7758_15 Datasheet HTML 34Page - Analog Devices ADE7758_15 Datasheet HTML 35Page - Analog Devices ADE7758_15 Datasheet HTML 36Page - Analog Devices ADE7758_15 Datasheet HTML 37Page - Analog Devices ADE7758_15 Datasheet HTML 38Page - Analog Devices ADE7758_15 Datasheet HTML 39Page - Analog Devices ADE7758_15 Datasheet HTML 40Page - Analog Devices ADE7758_15 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 37 of 72
Similar to reactive power, the fastest integration time occurs
when the VAR gain registers are set to maximum full scale,
that is, 0x7FF. The time it takes before overflow can be scaled
by writing to the VARDIV register; and, therefore, it can be
increased by a maximum factor of 255.
By setting the REHF bit (Bit 1) of the interrupt mask register,
the ADE7758 can be configured to issue an interrupt (IRQ)
when Bit 14 of any one of the three VAR-hr accumulation
registers has changed, indicating that the accumulation register
is half full (positive or negative).
When overflow occurs, the VAR-hr accumulation registers
content can rollover to full-scale negative (0x8000) and continue
increasing in value when the reactive power is positive. Con-
versely, if the reactive power is negative, the VAR-hr accumulation
registers content can roll over to full-scale positive (0x7FFF)
and continue decreasing in value.
Setting the RSTREAD bit (Bit 6) of the LCYMODE register
enables a read-with-reset for the VAR-hr accumulation
registers; that is, the registers are reset to 0 after a read
operation.
VARG[11:0]
VARDIV[7:0]
90° PHASE
SHIFTING FILTER
MULTIPLIER
I
V
HPF
CURRENT SIGNAL–i(t)
0x2851EC
0x00
0xD7AE14
VOLTAGE SIGNAL–v(t)
0x2852
0x00
0xD7AE
+
+
+
+
LPF2
%
SIGN 26
20 2–1 2–2 2–3 2–4
VAROS[11:0]
VARHR[15:0]
15
0
40
0
TOTAL REACTIVE POWER IS
ACCUMULATED (INTEGRATED) IN
THE VAR-HR ACCUMULATION REGISTERS
π
2
PHCAL[6:0]
Φ
Figure 73. ADE7758 Reactive Energy Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com