Electronic Components Datasheet Search
  English  ▼

X  

ADE7758 Datasheet(PDF) 10 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 6Page - Analog Devices ADE7758_15 Datasheet HTML 7Page - Analog Devices ADE7758_15 Datasheet HTML 8Page - Analog Devices ADE7758_15 Datasheet HTML 9Page - Analog Devices ADE7758_15 Datasheet HTML 10Page - Analog Devices ADE7758_15 Datasheet HTML 11Page - Analog Devices ADE7758_15 Datasheet HTML 12Page - Analog Devices ADE7758_15 Datasheet HTML 13Page - Analog Devices ADE7758_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 10 of 72
Pin
No.
Mnemonic
Description
17
VARCF
Reactive Power Calibration Frequency Logic Output. It gives reactive power or apparent power information
depending on the setting of the VACF bit of the WAVMODE register. This output is used for operational and
calibration purposes. The full-scale output frequency can be scaled by writing to the VARCFNUM and VARCFDEN
registers (see the Reactive Power Frequency Output section).
18
IRQ
Interrupt Request Output. This is an active low open-drain logic output. Maskable interrupts include: an active
energy register at half level, an apparent energy register at half level, and waveform sampling up to 26 kSPS (see
the Interrupts section).
19
CLKIN
Master Clock for ADCs and Digital Signal Processing. An external clock can be provided at this logic input.
Alternatively, a parallel resonant AT crystal can be connected across CLKIN and CLKOUT to provide a clock
source for the ADE7758. The clock frequency for specified operation is 10 MHz. Ceramic load capacitors of
a few tens of picofarad should be used with the gate oscillator circuit. Refer to the crystal manufacturer’s
data sheet for the load capacitance requirements
20
CLKOUT
A crystal can be connected across this pin and CLKIN as previously described to provide a clock source for
the ADE7758. The CLKOUT pin can drive one CMOS load when either an external clock is supplied at CLKIN or
a crystal is being used.
21
CS
Chip Select. Part of the 4-wire serial interface. This active low logic input allows the ADE7758 to share the serial
bus with several other devices (see the Serial Interface section).
22
DIN
Data Input for the Serial Interface. Data is shifted in at this pin on the falling edge of SCLK (see the Serial Interface
section).
23
SCLK
Serial Clock Input for the Synchronous Serial Interface. All serial data transfers are synchronized to this clock
(see the Serial Interface section). The SCLK has a Schmidt-trigger input for use with a clock source that has a slow
edge transition time, for example, opto-isolator outputs.
24
DOUT
Data Output for the Serial Interface. Data is shifted out at this pin on the rising edge of SCLK. This logic output
is normally in a high impedance state, unless it is driving data onto the serial data bus (see the Serial Interface
section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com