Electronic Components Datasheet Search
  English  ▼

X  

ADE7758 Datasheet(PDF) 47 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 43Page - Analog Devices ADE7758_15 Datasheet HTML 44Page - Analog Devices ADE7758_15 Datasheet HTML 45Page - Analog Devices ADE7758_15 Datasheet HTML 46Page - Analog Devices ADE7758_15 Datasheet HTML 47Page - Analog Devices ADE7758_15 Datasheet HTML 48Page - Analog Devices ADE7758_15 Datasheet HTML 49Page - Analog Devices ADE7758_15 Datasheet HTML 50Page - Analog Devices ADE7758_15 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 47 of 72
START
STEP 1
ENABLE CF
OUTPUTS
STEP 2
CLEAR OFFSET
REGISTERS
xWATTOS, xVAROS
ALL PHASES
WATT OFFSET
CALIBRATED?
YES
NO
ALL PHASES
VAR OFFSET
CALIBRATED?
YES
NO
SET UP APCF
PULSE OUTPUT
FOR PHASE A, B,
OR C
STEP 4
STEP 3
SET UP SYSTEM
FOR IMIN,VNOM,
PF = 1
STEP 5
MEASURE %
ERROR FOR
APCF
STEP 6
CALCULATE AND
WRITE TO
xWATTOS
END
SET UP VARCF
PULSE OUTPUT
FOR PHASE A, B,
OR C
STEP 4
STEP 3
SET UP SYSTEM
FOR IMIN,VNOM,
PF = 0, INDUCTIVE
STEP 5
MEASURE %
ERROR FOR VARCF
MEASURE PERIOD
USING FREQ[11:0]
REGISTER
STEP 6
CALCULATE AND
WRITE TO
xVAROS
STEP 7.
REPEAT STEP
3TO STEP 6
FOR xVAROS
SELECT PHASE
FOR LINE PERIOD
MEASUREMENT
CONFIGURE
FREQ[11:0] FOR A
LINE PERIOD
MEASUREMENT
Figure 80. Offset Calibration Using Pulse Output
Step 1: Repeat Step 1 and Step 3 from the gain calibration to
configure the ADE7758 pulse output.
Step 2: Clear the xWATTOS and xVAROS registers.
Step3: Disable the Phase B and Phase C contribution to the APCF
and VARCF pulses. This is done by the TERMSEL[2:4] bits of
the COMPMODE register (0x16). Setting Bit 2 to Logic 1 and
Bit 3 and Bit 4 to Logic 0 allows only Phase A to be included in
the pulse outputs. Select Phase A, Phase B, or Phase C for a line
period measurement with the FREQSEL[1:0] bits in the MMODE
register (0x14). For example, clearing Bit 1 and Bit 0 selects
Phase A for line period measurement.
Step 4: Set the test system for IMIN, VNOM, and unity power factor.
For Step 6, set the test system for IMIN, VNOM, and zero-power
factor inductive.
Step 5: Measure the percent error in the pulse output, APCF or
VARCF, from the reference meter using Equation 49.
Step 6: Calculate xWATTOS using Equation 56 (for xVAROS
use Equation 57).
APCFNUM
APCFDEN
Q
APCF
%APCF
xWATTOS
EXPECTED
ERROR
×
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
4
2
%
100
–
(56)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com