Electronic Components Datasheet Search
  English  ▼

X  

ADE7758 Datasheet(PDF) 50 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 46Page - Analog Devices ADE7758_15 Datasheet HTML 47Page - Analog Devices ADE7758_15 Datasheet HTML 48Page - Analog Devices ADE7758_15 Datasheet HTML 49Page - Analog Devices ADE7758_15 Datasheet HTML 50Page - Analog Devices ADE7758_15 Datasheet HTML 51Page - Analog Devices ADE7758_15 Datasheet HTML 52Page - Analog Devices ADE7758_15 Datasheet HTML 53Page - Analog Devices ADE7758_15 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 50 of 72
Step 5: Set the LENERGY bit, MASK[12] (0x18), to Logic 1
to enable the interrupt signaling the end of the line cycle
accumulation.
Step 6: Set the test system for ITEST, VNOM, and unity power factor
(calibrate watt and VA simultaneously and first).
Step 7: Read the FREQ (0x10) register if the line frequency is
unknown.
Step 8: Reset the interrupt status register by reading
RSTATUS (0x1A).
Step 9: Read all six xWATTHR (0x01 to 0x03) and xVAHR
(0x07 to 0x09) energy registers after the LENERGY interrupt
and store the values.
Step 9a: Calculate the values to be written to xWG registers
according to the following equations:
()
WDIV
APCFNUM
APCFDEN
AccumTime
θ
cos
V
I
MC
WATTHR
NOM
TEST
EXPECTED
1
3600
1000
4
×
×
×
×
×
×
×
×
=
(60)
where AccumTime is
[]
Selected
Phases
of
No.
Frequency
Line
:
LINECYC
×
×
2
0
15
(61)
where:
MC is the meter constant.
θ is the angle between the current and voltage.
Line Frequency is known or calculated from the FREQ[11:0]
register. With the FREQ[11:0] register configured for line period
measurements, the line frequency is calculated with Equation 62.
6
-
10
9.6
0]
:
[11
1
×
×
=
FREQ
Frequency
Line
(62)
No. of Phases Selected is the number of ZXSEL bits set to Logic 1
in LCYCMODE (0x17).
Then, xWG is calculated as
12
2
1 ×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
MEASURED
EXPECTED
WATTHR
WATTHR
xWG
(63)
Step 9b: Calculate the values to be written to the xVAG registers
according to the following equation:
VADIV
VARCFNUM
VARCFDEN
AccumTime
V
I
MC
VAHR
NOM
TEST
EXPECTED
1
3600
1000
4
×
×
×
×
×
×
×
=
(64)
12
2
1 ×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
MEASURED
EXPECTED
VAHR
VAHR
xVAG
Step 10: Write to xWG and xVAG.
Step 11: Set the test system for ITEST, VNOM, and zero power
factor inductive to calibrate VAR gain.
Step 12: Repeat Step 7.
Step 13: Read the xVARHR (0x04 to 0x06) after the LENERGY
interrupt and store the values.
Step 14: Calculate the values to be written to the xVARG
registers (to adjust VARCF to the expected value).
()
VARDIV
VARCFNUM
VARCFDEN
AccumTime
θ
sin
V
I
MC
VARHR
NOM
TEST
EXPECTED
1
3600
1000
4
×
×
×
×
×
×
×
×
=
(65)
12
2
1 ×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
MEASURED
EXPECTED
VARHR
VARHR
xVARG
Step 15: Write to xVARG.
Step 16: Calculate the Wh/LSB, VARh/LSB, and VAh/LSB
constants.
()
xWATTHR
AccumTime
θ
cos
V
I
LSB
Wh
NOM
TEST
×
×
×
×
=
3600
(66)
xVAHR
AccumTime
V
I
LSB
VAh
NOM
TEST
×
×
×
=
3600
(67)
()
xVARHR
AccumTime
θ
sin
V
I
LSB
VARh
NOM
TEST
×
×
×
×
=
3600
(68)
Example: Watt Gain Calibration Using Line Accumulation
This example shows only Phase A watt calibration. The steps
outlined in the Gain Calibration Using Line Accumulation
section show how to calibrate watt, VA, and VAR. All three
phases can be calibrated simultaneously because there are nine
energy registers.
For this example, ITEST = 10 A, VNOM = 220 V, Power Factor = 1,
Frequency = 50 Hz, LINECYC (0x1C) is set to 0x800, and MC =
3200 imp/kWhr.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com