Electronic Components Datasheet Search
  English  ▼

X  

ADE7758 Datasheet(PDF) 48 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 44Page - Analog Devices ADE7758_15 Datasheet HTML 45Page - Analog Devices ADE7758_15 Datasheet HTML 46Page - Analog Devices ADE7758_15 Datasheet HTML 47Page - Analog Devices ADE7758_15 Datasheet HTML 48Page - Analog Devices ADE7758_15 Datasheet HTML 49Page - Analog Devices ADE7758_15 Datasheet HTML 50Page - Analog Devices ADE7758_15 Datasheet HTML 51Page - Analog Devices ADE7758_15 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 48 of 72
VARCFNUM
VARCFDEN
Q
VARCF
%VARCF
xVAROS
EXPECTED
ERROR
×
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
4
2
%
100
–
(57)
where Q is defined in Equation 58 and Equation 59.
For xWATTOS,
4
1
2
1
4
25 ×
×
= CLKIN
Q
(58)
For xVAROS,
4
1
4
0]
:
[11
202
2
1
4
24
×
⎟
⎠
⎞
⎜
⎝
⎛
×
×
=
FREQ
CLKIN
Q
(59)
where the FREQ (0x10) register is configured for line period
measurements.
Step 7: Repeat Step 3 to Step 6 for xVAROS calibration.
Example: Offset Calibration of Phase A Using Pulse Output
For this example, IMIN = 50 mA, VNOM = 220 V, VFULLSCALE =
500 V, IFULLSCALE = 130 A, MC = 3200 impulses/kWh, Power
Factor = 1, Frequency = 50 Hz, and CLKIN = 10 MHz.
With IMIN, VNOM, and unity power factor, the example ADE7758
meter shows 0.009789 Hz on the APCF pulse output. When the
power factor is changed to 0.5 inductive, the VARCF output is
0.009769 Hz.
This is equivalent to 0.1198% for the watt measurement and
−0.0860% for the VAR measurement. Using Equation 56
through Equation 59, the values 0xFFD and 0x3 should be
written to AWATTOS (0x39) and AVAROS (0x3C), respectively.
0xFFD
3
–
–2.8
1
277
0.01863
2
0.009778
%
100
0.1198%
–
4
=
=
=
×
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
AWATTOS
3
2.6
1
277
0.01444
2
0.009778
%
100
0.0860%
–
–
4
=
=
×
×
⎟
⎠
⎞
⎜
⎝
⎛
×
=
AVAROS
For AWATTOS,
01863
.
0
4
1
2
1
4
6
10
25
=
×
×
= E
Q
For AVAROS,
0.01444
4
1
4
2083
202
2
1
4
6
10
24
=
×
×
×
=
E
Q
Calibration Using Line Accumulation
Line cycle accumulation mode configures the nine energy
registers such that the amount of energy accumulated over an
integer number of half line cycles appears in the registers after
the LENERGY interrupt. The benefit of using this mode is that
the sinusoidal component of the active energy is eliminated.
Figure 81 shows a flowchart of how to calibrate the ADE7758
using the line accumulation mode. Calibration of all phases and
energies can be done simultaneously using this mode to save
time during calibration.
START
CAL IRMS OFFSET
CAL VRMS OFFSET
CAL WATT AND VA
GAIN ALL PHASES
@ PF = 1
CAL VAR GAIN ALL
PHASES @ PF = 0,
INDUCTIVE
CALIBRATE PHASE
ALL PHASES
@ PF = 0.5,
INDUCTIVE
CALIBRATE ALL
PHASES WATT
OFFSET @ IMIN AND
PF = 1
CALIBRATE ALL
PHASES VAR
OFFSETS @ IMIN
AND PF = 0,
INDUCTIVE
END
Figure 81. Calibration Using Line Accumulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com