Electronic Components Datasheet Search
  English  ▼

X  

ADE7758 Datasheet(PDF) 54 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 50Page - Analog Devices ADE7758_15 Datasheet HTML 51Page - Analog Devices ADE7758_15 Datasheet HTML 52Page - Analog Devices ADE7758_15 Datasheet HTML 53Page - Analog Devices ADE7758_15 Datasheet HTML 54Page - Analog Devices ADE7758_15 Datasheet HTML 55Page - Analog Devices ADE7758_15 Datasheet HTML 56Page - Analog Devices ADE7758_15 Datasheet HTML 57Page - Analog Devices ADE7758_15 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
ADE7758
Data Sheet
Rev. E | Page 54 of 72
0
0.088
2
MHz
10
54.64
4
0.161
29
=
−
=
×
×
×
=
AWATTOS
The low-pass filter used to obtain the rms measurements is not
ideal; therefore, it is recommended to synchronize the readings
with the zero crossings of the voltage waveform and to average a
few measurements when reading the rms registers.
Calibration of IRMS and VRMS Offset
IRMSOS and VRMSOS are used to cancel noise and offset
contributions from the inputs. The calibration method is the
same whether calibrating using the pulse outputs or line
accumulation. Reading the registers is required for this
calibration because there is no rms pulse output. The rms offset
calibration should be performed before VAGAIN calibration.
The rms offset calibration also removes offset from the VA
calculation. For this reason, no VA offset register exists in the
ADE7758.
The ADE7758 IRMS measurement is linear over a 500:1 range,
and the VRMS measurement is linear over a 20:1 range. To
measure the voltage VRMS offset (xVRMSOS), measure rms
values at two different nonzero current levels, for example,
VNOM and VFULLSCALE/20.
To measure the current rms offset (IRMSOS), measure rms
values at two different nonzero current levels, for example, ITEST
and IFULLSCALE/500. This translates to two test conditions: ITEST
and VNOM, and IFULLSCALE/500 and VFULLSCALE/20. Figure 85 shows
a flowchart for calibrating the rms measurements.
STEP 1
SET
CONFIGURATION
REGISTERS FOR
ZERO CROSSING
ON ALL PHASES
STEP 2
SET INTERRUPT
MASK FOR
ZERO CROSSING
ON ALL PHASES
STEP 3
STEP 4
READ RMS
REGISTERS
STEP 5
WRITE TO
xVRMSOS
xIRMSOS
SET UP
SYSTEM FOR
ITEST,VNOM
SET UP SYSTEM
FOR IFULLSCALE/500,
VFULLSCALE/20
START
TESTED
ALL
PHASES?
YES
NO
TESTED
ALL
CONDITIONS?
1
2
STEP 4A
CHOOSE N
n= 0
STEP 4D
READ
xIRMS
xVRMS
STEP 4E
CALCULATE THE
AVERAGE OF N
SAMPLES
STEP 4B
RESET INTERRUPT
STATUS REGISTER
END
n=n+1
n= N?
NO
YES
YES
NO
STEP 4C
INTERRUPT?
Figure 85. RMS Calibration Routine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com