Electronic Components Datasheet Search
  English  ▼

X  

ADE7758 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE7758
Description  Poly Phase Multifunction Energy Metering IC with Per Phase Information
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7758 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE7758_15 Datasheet HTML 47Page - Analog Devices ADE7758_15 Datasheet HTML 48Page - Analog Devices ADE7758_15 Datasheet HTML 49Page - Analog Devices ADE7758_15 Datasheet HTML 50Page - Analog Devices ADE7758_15 Datasheet HTML 51Page - Analog Devices ADE7758_15 Datasheet HTML 52Page - Analog Devices ADE7758_15 Datasheet HTML 53Page - Analog Devices ADE7758_15 Datasheet HTML 54Page - Analog Devices ADE7758_15 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 72 page
background image
Data Sheet
ADE7758
Rev. E | Page 51 of 72
To set APCFNUM (0x45) and APCFDEN (0x46) to the
calculated value to perform a coarse adjustment on the
imp/kW-hr ratio, use Equation 45 to Equation 47.
kHz
5415
.
0
130
10
500
220
kH
16
=
×
×
=
z
APCF
NOMINAL
()
Hz
1.956
cos
3600
1000
220
10
3200
=
θ
×
×
×
×
=
EXPECTED
APCF
277
Hz
956
.
1
Hz
5
.
541
INT
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
APCFDEN
Under the test conditions above, the AWATTHR register value
is 15559d after the LENERGY interrupt. Using Equation 60 and
Equation 61, the value to be written to AWG is −199d, 0xF39.
[]
Selected
Phases
of
No.
FREQ
:
LINECYC
AccumTime
×
×
×
×
=
−6
10
6
.
9
]
0
:
11
[
1
2
0
15
6.832128s
3
10
6
.
9
2085
1
2
800
0
6
=
×
×
×
×
=
−
x
AccumTime
14804
1
1
277
3600
1000
832
.
6
1
220
10
3200
4
=
×
×
×
×
×
×
×
×
=
EXPECTED
WATTHR
0xF39
–199
–198.87640
2
1
15559
14804
12
=
=
=
×
⎟
⎠
⎞
⎜
⎝
⎛
−
=
xWG
Using Equation 66, the Wh/LSB constant is
0
0.000282
14804
3600
832
.
6
220
10
=
×
×
×
=
LSB
Wh
Phase Calibration Using Line Accumulation
The ADE7758 includes a phase calibration register on each
phase to compensate for small phase errors. Large phase errors
should be compensated by adjusting the antialiasing filters. The
ADE7758 phase calibration is a time delay with different weights
in the positive and negative direction (see the Phase
Compensation section). Because a current transformer is a
source of phase error, a fixed nominal value can be decided on to
load into the xPHCAL (0x3F to 0x41) registers at power-up.
During calibration, this value can be adjusted for CT-to-CT
error. Figure 83 shows the steps involved in calibrating the
phase using the line accumulation mode.
STEP 1
SET LCYCMODE,
LINECYC AND MASK
REGISTERS
STEP 2
SET UP SYSTEM FOR
ITEST,VNOM,PF = 0.5,
INDUCTIVE
STEP 3
RESET STATUS
REGISTER
STEP 4
READ ALL xWATTHR
REGISTERS AFTER
LENERGY
INTERRUPT
STEP 5
CALCULATE PHASE
ERROR IN DEGREES
FOR ALL PHASES
STEP 6
CALCULATE AND
WRITE TO ALL
xPHCAL REGISTERS
Figure 83. Phase Calibration Using Line Accumulation
Step 1: If the values were changed after gain calibration, Step 1,
Step 3, and Step 4 from the gain calibration should be repeated
to configure the LCYCMODE and LINECYC registers.
Step 2: Set the test system for ITEST, VNOM, and 0.5 power factor
inductive.
Step 3: Reset the interrupt status register by reading RSTATUS
(0x1A).
Step 4: The xWATTHR registers should be read after the
LENERGY interrupt. Measure the percent error in the energy
register readings (AWATTHR, BWATTHR, and CWATTHR)
compared to the energy register readings at unity power factor
(after gain calibration) using Equation 69. The readings at unity
power factor should have been repeated after the gain calibration
and stored for use in the phase calibration routine.
2
2
–
1
PF
1
PF
5
PF
=
=
=
=
xWATTHR
xWATTHR
xWATTHR
Error
(69)
Step 5: Calculate the Phase Error in degrees using the equation
()
⎟
⎠
⎞
⎜
⎝
⎛
=
°
3
–
Error
Arcsin
Error
Phase
(70)
Step 6: Calculate xPHCAL and write to the xPHCAL registers
(0x3F to 0x41).
°
×
×
×
=
360
1
)
(
1
_
_
1
s
Period
Line
Weight
LSB
PHCAL
Error
Phase
xPHCAL
(71)
where PHCAL_LSB_Weight is 1.2 μs if the %Error is negative
or 2.4 μs if the %Error is positive (see the Phase Compensation
section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com