Electronic Components Datasheet Search
  English  ▼

X  

70353C Datasheet(PDF) 43 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 43 Page - Microchip Technology

Back Button 70353C Datasheet HTML 39Page - Microchip Technology 70353C Datasheet HTML 40Page - Microchip Technology 70353C Datasheet HTML 41Page - Microchip Technology 70353C Datasheet HTML 42Page - Microchip Technology 70353C Datasheet HTML 43Page - Microchip Technology 70353C Datasheet HTML 44Page - Microchip Technology 70353C Datasheet HTML 45Page - Microchip Technology 70353C Datasheet HTML 46Page - Microchip Technology 70353C Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-43
Section 21. Enhanced Controller Area Network (ECAN™)
21
21.7
RECEIVING ECAN MESSAGES
The ECAN module can receive both standard and extended frames on the CAN bus node. This
module has the additional capability of automatically transferring the received messages to the
user-defined buffers in device RAM, thereby eliminating the need for the user application to
explicitly copy messages from hardware registers to the user-defined buffers. The storage format
of each message within the DMA buffer is identical to that of transmit buffers, with each
message (including the associated status register) occupying eight words in device RAM.
The two main stages that constitute the ECAN reception process are described below, with a
simplified reception process example illustrated in Figure 21-10 and Figure 21-13.
21.7.1
Message Reception and Acceptance Filtering
As illustrated in Figure 21-10, every incoming message on the bus is received into a Message
Assembly Buffer, and its identifier field is compared with a set of 16 user-defined acceptance
filters. Each received standard data frame contains an 11-bit SID, and each extended data frame
contains an 11-bit SID and an 18-bit EID. If all bits in the incoming identifier completely match the
corresponding bits in any of the acceptance filters, the ECAN module generates a DMA transfer
request to the DMA Controller so that the message can be received into the appropriate buffer
in device RAM.
Figure 21-10: Message Reception and Acceptance Filtering 7
SID
EID
Word 0
Word 1
Word 2
Word 3
Word 4
Word 5
Word 6
Word 7
Filter 0
Filter 1
Filter 2
Filter 3
Filter 4
Filter 5
Filter 6
Filter 7
Filter 8
Filter 9
Filter 10
Filter 11
Filter 12
Filter 13
Filter 14
Filter 15
Identifier
Comparison
ECAN™ Data Frames
Filter Match (DMA Transfer Request)
Message
Assembly
Buffer
Acceptance
Filters (0-15)
User-Defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com