Electronic Components Datasheet Search
  English  ▼

X  

70353C Datasheet(PDF) 19 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 19 Page - Microchip Technology

Back Button 70353C Datasheet HTML 15Page - Microchip Technology 70353C Datasheet HTML 16Page - Microchip Technology 70353C Datasheet HTML 17Page - Microchip Technology 70353C Datasheet HTML 18Page - Microchip Technology 70353C Datasheet HTML 19Page - Microchip Technology 70353C Datasheet HTML 20Page - Microchip Technology 70353C Datasheet HTML 21Page - Microchip Technology 70353C Datasheet HTML 22Page - Microchip Technology 70353C Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-19
Section 21. Enhanced Controller Area Network (ECAN™)
21
Register 21-15: CiRXFUL2: ECAN Receive Buffer Full Register 2
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXFUL31
RXFUL30
RXFUL29
RXFUL28
RXFUL27
RXFUL26
RXFUL25
RXFUL24
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXFUL23
RXFUL22
RXFUL21
RXFUL20
RXFUL19
RXFUL18
RXFUL17
RXFUL16
bit 7
bit 0
Legend:
R = Readable bit
C = Writable bit, but only ‘0’ can be written to clear the bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXFUL<31:16>: Receive Buffer n Full bits
1 = Buffer is full (set by module)
0 = Buffer is empty (cleared by user software)
Register 21-16: CiRXOVF1: ECAN Receive Buffer Overflow Register 1
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF<15:8>
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF<7:0>
bit 7
bit 0
Legend:
R = Readable bit
C = Writable bit, but only ‘0’ can be written to clear the bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<15:0>: Receive Buffer n Overflow bits
1 = Module attempted to write to a full buffer (set by module)
0 = No overflow condition (cleared by user software)
Register 21-17: CiRXOVF2: ECAN Receive Buffer Overflow Register 2
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF31
RXOVF30
RXOVF29
RXOVF28
RXOVF27
RXOVF26
RXOVF25
RXOVF24
bit 15
bit 8
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
R/C-0
RXOVF23
RXOVF22
RXOVF21
RXOVF20
RXOVF19
RXOVF18
RXOVF17
RXOVF16
bit 7
bit 0
Legend:
R = Readable bit
C = Writable bit, but only ‘0’ can be written to clear the bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
RXOVF<31:16>: Receive Buffer n Overflow bits
1 = Module attempted to write to a full buffer (set by module)
0 = No overflow condition (cleared by user software)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com