Electronic Components Datasheet Search
  English  ▼

X  

70353C Datasheet(PDF) 50 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 50 Page - Microchip Technology

Back Button 70353C Datasheet HTML 46Page - Microchip Technology 70353C Datasheet HTML 47Page - Microchip Technology 70353C Datasheet HTML 48Page - Microchip Technology 70353C Datasheet HTML 49Page - Microchip Technology 70353C Datasheet HTML 50Page - Microchip Technology 70353C Datasheet HTML 51Page - Microchip Technology 70353C Datasheet HTML 52Page - Microchip Technology 70353C Datasheet HTML 53Page - Microchip Technology 70353C Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-50
© 2008-2011 Microchip Technology Inc.
21.7.2
Buffer Selection and DMA Transfer
As illustrated in Figure 21-13, if a filter match occurs, a DMA transfer request is generated by the
ECAN module to the DMA Controller to automatically copy the received message into the
appropriate message buffer in a user-defined device RAM area. The ECAN module supports up
to 32 message buffers. The user application can use the DMA Buffer Size bits (DMABS<2:0>) in
the ECAN FIFO Control register (CiFCTRL<15:13>) to select either 4, 6, 8, 12, 16, 24 or 32
message buffers. The selection of the receive buffer index (and therefore the device RAM
addresses in which a message is written by the DMA Controller) is dependent on which filter
matched the incoming identifier, and is configurable by the user application. The DMA Controller
moves the data into the appropriate addresses in the device RAM area and generates a DMA
interrupt after the user-specified number of words are transferred. For more details on DMA
channel configuration for ECAN data transfers, refer to 21.8 “DMA Controller Configuration”.
Figure 21-13: Buffer Selection and DMA Transfer
Word 0
Word 1
Word 2
Word 3
Word 4
Word 5
Word 6
Word 7
Filter 0
Filter 1
Filter 2
Filter 3
Filter 4
Filter 5
Filter 6
Filter 7
Filter 8
Filter 9
Filter 10
Filter 11
Filter 12
Filter 13
Filter 14
Filter 15
Identifier
Comparison
Filter Match
Message
Assembly
Buffer
Acceptance
Filters
(0-15)
User-Defined
F0BP<3:0>
F1BP<3:0>
F2BP<3:0>
F3BP<3:0>
F4BP<3:0>
F5BP<3:0>
F6BP<3:0>
F7BP<3:0>
F8BP<3:0>
F9BP<3:0>
F10BP<3:0>
F11BP<3:0>
F12BP<3:0>
F13BP<3:0>
F14BP<3:0>
F15BP<3:0>
F1BP<3:0> = 0111
Message Buffer 0
Message Buffer 1
Message Buffer 7
Message Buffer 31
ECAN™ Buffers in Device RAM
DMA
Transfer
Start of ECAN Buffers
+
x16
Message stored here
Filter Buffer Pointers (0-15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com