Electronic Components Datasheet Search
  English  ▼

X  

70353C Datasheet(PDF) 15 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 15 Page - Microchip Technology

Back Button 70353C Datasheet HTML 11Page - Microchip Technology 70353C Datasheet HTML 12Page - Microchip Technology 70353C Datasheet HTML 13Page - Microchip Technology 70353C Datasheet HTML 14Page - Microchip Technology 70353C Datasheet HTML 15Page - Microchip Technology 70353C Datasheet HTML 16Page - Microchip Technology 70353C Datasheet HTML 17Page - Microchip Technology 70353C Datasheet HTML 18Page - Microchip Technology 70353C Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-15
Section 21. Enhanced Controller Area Network (ECAN™)
21
Register 21-7:
CiRXMnEID: ECAN Acceptance Filter Mask Extended Identifier Register n (n = 0-2)
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID<15:8>
bit 15
bit 8
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
R/W-x
EID<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
EID<15:0>: Extended Identifier bits
1 = Include bit, EIDx, in filter comparison
0 = Bit, EIDx, is a “don’t care” in filter comparison
Register 21-8:
CiFMSKSEL1: ECAN Filter 7-0 Mask Selection Register
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F7MSK<1:0>
F6MSK<1:0>
F5MSK<1:0>
F4MSK<1:0>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
F3MSK<1:0>
F2MSK<1:0>
F1MSK<1:0>
F0MSK<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
F7MSK<1:0>: Mask Source for Filter 7 bits
11 = Reserved; do not use
10 = Acceptance Mask 2 registers contain mask
01 = Acceptance Mask 1 registers contain mask
00 = Acceptance Mask 0 registers contain mask
bit 13-12
F6MSK<1:0>: Mask Source for Filter 6 bits (same values as bits 15-14)
bit 11-10
F5MSK<1:0>: Mask Source for Filter 5 bits (same values as bits 15-14)
bit 9-8
F4MSK<1:0>: Mask Source for Filter 4 bits (same values as bits 15-14)
bit 7-6
F3MSK<1:0>: Mask Source for Filter 3 bits (same values as bits 15-14)
bit 5-4
F2MSK<1:0>: Mask Source for Filter 2 bits (same values as bits 15-14)
bit 3-2
F1MSK<1:0>: Mask Source for Filter 1 bits (same values as bits 15-14)
bit 1-0
F0MSK<1:0>: Mask Source for Filter 0 bits (same values as bits 15-14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com