Electronic Components Datasheet Search
  English  ▼

X  

70353C Datasheet(PDF) 44 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 44 Page - Microchip Technology

Back Button 70353C Datasheet HTML 40Page - Microchip Technology 70353C Datasheet HTML 41Page - Microchip Technology 70353C Datasheet HTML 42Page - Microchip Technology 70353C Datasheet HTML 43Page - Microchip Technology 70353C Datasheet HTML 44Page - Microchip Technology 70353C Datasheet HTML 45Page - Microchip Technology 70353C Datasheet HTML 46Page - Microchip Technology 70353C Datasheet HTML 47Page - Microchip Technology 70353C Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-44
© 2008-2011 Microchip Technology Inc.
21.7.1.1 ACCEPTANCE FILTERS
Figure 21-11 illustrates the incoming message identifier being compared with the filter/mask bits
for standard frames. Figure 21-12 illustrates the incoming message identifier being compared
with the filter/mask bits for extended frames.
Figure 21-11: Acceptance Filtering for a Standard Message
Figure 21-12: Acceptance Filtering for a Extended Message
The acceptance filters 0-15 can be individually enabled or disabled using the Enable Filter bits
(FLTENn) in the ECAN Acceptance Filter Enable register (CiFEN1<15:0>). The value of ‘n’
signifies the register bit and corresponds to the index of the acceptance filter.
The acceptance filters 0-15 specify the identifiers that must be contained in an incoming
message for its contents to be passed to a receive buffer. Each of these filters consists of two
registers – one for the SIDs and the other for EIDs. These registers are identified as:
• CiRXFnSID: ECAN Acceptance Filter Standard Identifier Register n (n = 0-15)
• CiRXFnEID: ECAN Acceptance Filter Extended Identifier Register n (n = 0-15)
SID10
SID9
S
O
F
IDENTIFIER
11 Bits
R
T
R
I
D
E
DLC
4 Bits
CRC
16 B
its
ACK
2 Bits
EOF
7 Bits
IFS
3 Bits
SID1
11-bit Identifier
RB0
DATA
8 Bits
SID0
SID10
SID9
SID1
SID0
EXIDE
CiRXFnSID
CiRXMnSID
SID10
SID9
SID1
SID0
MIDE
Accept/Reject Message
SID10
SID1
S
O
F
IDENTIFIER
11 Bits
S
R
R
I
D
E
R
T
R
DLC
4 Bits
CRC
16 Bits
ACK
EOF
7 Bits
IFS
3 Bits
SID0
-
29-bit Identifier
IDENTIFIER
18 Bits
EID17
EID1 EID0
R
B
1
R
B
0
CiRXMnSID
CiRXFnSID
EID15
EID14
EID0
CiRXMnEID
SID10
SID0
EXIDE
EID17 EID16
SID10
SID0
MIDE
EID17 EID16
EID14
EID0
EID15
CiRXFnEID
Accept/Reject Message
2 Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com