Electronic Components Datasheet Search
  English  ▼

X  

70353C Datasheet(PDF) 11 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 11 Page - Microchip Technology

Back Button 70353C Datasheet HTML 7Page - Microchip Technology 70353C Datasheet HTML 8Page - Microchip Technology 70353C Datasheet HTML 9Page - Microchip Technology 70353C Datasheet HTML 10Page - Microchip Technology 70353C Datasheet HTML 11Page - Microchip Technology 70353C Datasheet HTML 12Page - Microchip Technology 70353C Datasheet HTML 13Page - Microchip Technology 70353C Datasheet HTML 14Page - Microchip Technology 70353C Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
© 2008-2011 Microchip Technology Inc.
DS70353C-page 21-11
Section 21. Enhanced Controller Area Network (ECAN™)
21
Register 21-1:
CiCFG1: ECAN Baud Rate Configuration Register 1
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SJW<1:0>
BRP<5:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-8
Unimplemented: Read as ‘0’
bit 7-6
SJW<1:0>: Synchronization Jump Width bits
11 = Length is 4 x TQ
10 = Length is 3 x TQ
01 = Length is 2 x TQ
00 = Length is 1 x TQ
bit 5-0
BRP<5:0>: Baud Rate Prescaler bits
11 1111 = TQ = 2 x 64 x 1/FCAN(1)
•
•
•
00 0010 = TQ = 2 x 3 x 1/FCAN(1)
00 0001 = TQ = 2 x 2 x 1/FCAN(1)
00 0000 = TQ = 2 x 1 x 1/FCAN(1)
Note 1: FCAN is either FP or twice FP depending on the CANCKS bit (CiCTRL<11>) selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com