Electronic Components Datasheet Search
  English  ▼

X  

70353C Datasheet(PDF) 62 Page - Microchip Technology

Part # 70353C
Description  Section 21. Enhanced Controller Area Network
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70353C Datasheet(HTML) 62 Page - Microchip Technology

Back Button 70353C Datasheet HTML 58Page - Microchip Technology 70353C Datasheet HTML 59Page - Microchip Technology 70353C Datasheet HTML 60Page - Microchip Technology 70353C Datasheet HTML 61Page - Microchip Technology 70353C Datasheet HTML 62Page - Microchip Technology 70353C Datasheet HTML 63Page - Microchip Technology 70353C Datasheet HTML 64Page - Microchip Technology 70353C Datasheet HTML 65Page - Microchip Technology 70353C Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 76 page
background image
dsPIC33E/PIC24E Family Reference Manual
DS70353C-page 21-62
© 2008-2011 Microchip Technology Inc.
Example 21-9:
Code Example for Configuring ECAN™ Bit Timing Parameters
/* This code snippet shows an example of configuring the ECAN module to
operate at 1 Mbps while the device is operating at 40 MHz */
/* Set the Operating Frequency of the device to be 40 MHz */
#define FP 40000000
/* Set the ECAN module for Configuration Mode before writing into the Baud
Rate Control Registers */
C1CTRL1bits.REQOP = 4;
/* Wait for the ECAN module to enter into Configuration Mode */
while(C1CTRL1bits.OPMODE! = 4);
/* FCAN is selected to be FP by clearing the CANCKS bit
/* FCAN = FP = 40 MHz */
C1CTRL1bits.CANCKS = 0x0;
/* Phase Segment 1 time is 8 TQ */
C1CFG2bits.SEG1PH = 0x7;
/* Phase Segment 2 time is set to be programmable */
C1CFG2bits.SEG2PHTS = 0x1;
/* Phase Segment 2 time is 6 TQ */
C1CFG2bits.SEG2PH = 0x5;
/* Propagation Segment time is 5 TQ */
C1CFG2bits.PRSEG = 0x4;
/* Bus line is sampled three times at the sample point */
C1CFG2bits.SAM = 0x1;
/* Synchronization Jump Width set to 4 TQ */
C1CFG1bits.SJW = 0x3;
/* Baud Rate Prescaler bits set to 1:1, (i.e., TQ = (2*1*1)/FCAN) */
C1CFG1bits.BRP = 0x0;
/* Put the ECAN Module into Normal Operating Mode */
C1CTRL1bits.REQOP = 0;
/* Wait for the ECAN module to enter into Normal Operating Mode */
while(C1CTRL1bits.OPMODE! = 0);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com