Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AP2071 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 3 -
2014/03
4. Block Diagram
Figure 1. AP2071AEN Block Diagram
CHARGE
VIN
SW
VOUT
Cout
Error Amp
CONTROL
LOGIC
PWM
COMPARATOR
STROBE
2.0
∑
EN
SCL
SDA
Current
Limit
OVP
Back Gate
Control
DET
LED1
Cin
EDLC
LED2
ADDR
LED3
AGND
GND1 GND2
VCAP
GND3
LED4
Control
PGND
GND4 GND5
Current
&Control
GND6
NTC
UVLO
VIN
DET
Slop
e
Compensatio
n
Oscillator
2MHz
I
2C I/F
& Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com