Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP2071 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 6 -
2014/03
8. Electrical Characteristics
(AGND=PGND=GND1~6=0V ;(Note 1), VIN=3.7V, Ta=25°C, Recommend Parts, unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
Conditions
Power-down Current
IPD
0.5
2.0
µA
EN= “L”
VOUT=0V
Quiescent Current in VIN pin
IQ
1.0
1.5
mA
ILEDn= 0mA
VOUT= 5.0V
VOUT Detection Voltage
Accuracy1
AVOUT1
-1.6
1.6
%
VSET[2:0]= “101”, “110”
VOUT Detection Voltage
Accuracy2
AVOUT2
-3.0
3.0
%
VSET[2:0]= “101”, “110”
VIN=2.5~5.5V
Ta= -30~85°C
VOUT Detection Voltage
Accuracy3
AVOUT3
-3.5
3.5
%
VSET[2:0]= “001”, “010”,
“011”, “100”, “101”, “111”
VIN=2.5~5.5V
Ta= -30~85°C
LED pins Voltage1 (Flash mode)
VLED1
0.30
0.45
V
ILEDn = 2A/ch
LED pins Voltage2 (Torch mode)
VLED2
0.50
0.60
V
ILEDn = 0.24A/4ch
LED Current Accuracy1 (flash)
ALEDC1
-10
10
%
ILEDn = 1.6~2A/ch
VLEDn= 0.5V
LED Current Accuracy2 (flash)
ALEDC2
-12
12
%
ILEDn = 1.6~2A/ch
VLEDn = 0.6~2.2V
VIN= 2.5~5.5V
Ta= -30~85°C
LED Current Accuracy3 (flash)
ALEDC3
-18
18
%
ILEDn≦1.4A/ch
VLEDn = 0.6~2.2V
VIN= 2.5~5.5V
Ta= -30~85°C
LED Current Accuracy4 (torch)
ALEDC4
-15
15
%
VLEDn = 0.4~0.7V
LED Current Accuracy5 (torch)
ALEDC5
-20
20
%
VLEDn = 0.4~0.7V
VIN= 2.5~5.5V
Ta= -30~85°C
Charger Current Accuracy
ACHAR
-10
10
%
VOUT>1.0V
Maximum Limit Current
IMAXL
1200
1500
1800
mA
VOUT=4.5V
Efficiency (
Note 4)
(Torch mode)
Effi
90
%
ILEDn = 0.24A
VOUT=4.5V
Under Voltage Lock Out
VIN,LOW
2.2
2.3
2.4
V
Boost Frequency1
FBOOST1
1.5
2.0
2.2
MHz
Boost Frequency2
FBOOST2
1.4
2.0
2.3
MHz
VIN= 2.5~5.5V
Ta= -30~85°C
Flash Timer Accuracy
ATimer
-15
30
%
VIN= 2.5~5.5V
Ta= -30~85°C
NTC Detection Voltage Accuracy
Vdet
-6
6
%
NTC Current
Vcurr
33
35
37
A
VCAP pin Maximum Output
Current (source)
IMAXVCA
PS
100
200
300
mA
VOUT= 5.0V
VCAP= 2.3V
VCAP pin Maximum Output
Current (sink)
IMAXVCA
PS
100
200
300
mA
VOUT= 5.0V
VCAP= 2.7V
Thermal Protection Temperature
Treg
120
140
°C
Discharge Impedance
RDISC
51
68
85
Ω
Note 4. Efficiency= VOUT×ILED / (VIN × IIN) ×100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com