Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP2071 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 1 -
2014/03
1. General Description
The AP2071AEN is a white LED driver IC for camera flash, using EDLC (Electronic Double Layer
Capacitor) in portable equipment. The AP2071AEN integrates a current mode synchronous boost DC-DC
converter and four maximum 2A current sources (maximum 8.0A total). The internal boost DC-DC converter
integrates a switching FET and synchronous rectifier, and supporting small size multilayer inductor with
2MHz switching frequency. An integrated EDLC voltage control circuit and a charge current control circuit
makes the AP2071AEN most suitable for EDLC charge systems. The AP2071AEN also includes eight
protections that are an under voltage lock out, EDLC cell short/open protection, thermal detection, LED
open/short detection, LED thermal protection, output-ground short protection, inductor current limitation and
flashing time limitation to avoid significant system problems. Flash current, torch current, charge current,
inductor limit current, flash on-time and EDLC full charge voltage are programmable through I
2C interface.
The AP2071AEN is housed in a small size package (24-pin QFN, 4.0mm x 4.0mm) to utilize less board space.
2. Features
 Power Supply Voltage(VIN): 2.5V~5.5V
 LED Current:
max 8.0A, total (max 2.0A/ch)
 High Efficiency:
- 90% @ VIN pin=3.7V, VOUT pin=4.5V, total LED current= 240mA,
Torch mode, with recommended external parts
 Switching Frequency:
2.0 MHz
 Mode:
- Charge (charge to EDLC)
- Flash
- Torch
- Bypass torch
(Boost circuit off, only drive LEDs with fixed current source)
- Discharge
 I2C Function:
- Flash/Torch LED current setting (Each channel can be set independently)
- Flashing ON-time setting
- Charge current setting
- Current Limit value setting
- Full charge voltage setting (EDLC)
- Discharge finishing voltage setting (EDLC)
- NTC voltage detection voltage setting
 Protection Function:
- UVLO (Under Voltage Lock Out) protection
- EDLC cell short/open protection
- Thermal protection
- LED Open/Short protection
- LED thermal protection
- Output-GND protection
- Inductor current limitation protection
- Flashing time limitation protection
 Ta:
-30 to 85C
 Package:
24-pinUQFN (4.0 x 4.0mm, 0.5mm pitch)
High Current (8A) white LEDs driver for Flash with I
2C
AP2071AEN


Similar Part No. - AP2071

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP2071AEN AKM-AP2071AEN Datasheet
1Mb / 31P
High Current (8A) white LEDs driver for Flash with I2C
More results

Similar Description - AP2071

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
High Efficiency, Constant Current White-LEDs Driver
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
2.0A High-side LED Driver for Camera Flash with I2C
AP2061AEC AKM-AP2061AEC Datasheet
1Mb / 29P
2.0A High-side LED Driver for Camera Flash with I2C
AP2063AEC AKM-AP2063AEC Datasheet
1Mb / 27P
2.0A High-side LED Driver for Camera Flash with I2C
logo
Global Mixed-mode Techn...
G2621 GMT-G2621 Datasheet
95Kb / 1P
High Efficiency, Constant Current 40V White-LEDs Driver
G2619 GMT-G2619 Datasheet
109Kb / 1P
High Efficiency, Constant Current 20V White- LEDs Driver
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
High Efficiency, Constant Current 20V White-LEDs Driver
logo
ams AG
AS3630 AMSCO-AS3630 Datasheet
763Kb / 72P
8A Supercap Flash Driver
logo
Asahi Kasei Microsystem...
AP2071AEN AKM-AP2071AEN Datasheet
1Mb / 31P
High Current (8A) white LEDs driver for Flash with I2C
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com