Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP2071 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 11 -
2014/03
■ Torching Sequence
A battery can drive LEDs which is connected to the LED1~4 pins through the VOUT pin. The LED current
(torching current) can be set in the range from 10mA to 140mA by a register setting. The AP2071AEN will be
in torch mode by setting TORCH bit to “1” after setting the EN pin to “H” if the CHARGE pin is “H” or
CHAR bit is “1”. LEDs can be driven when the VOUT voltage reaches the voltage which is set by VSET[2:0]
bits.
The stable VOUT voltage is determined by input voltage (VIN), VOUT setting voltage (VSET) and LED VF.
Formula (1): In the case of VSET > VF + 0.5V > VIN*1.07
VOUT = VF + 0.5V
Formula (2): In the case of VSET > VIN*1.07 > VF + 0.5V
VOUT = VIN *1.07
Formula (3): In the case of VF > VSET → LED cannot be driven.
Set appropriate VOUT voltage for LEDs in consideration of VF value of LED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com