Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AP2071 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 17Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 18Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 19Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 20Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 21Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 17 -
2014/03
■ LED Temperature Detection Function
The AP2071AEN can detect LED temperature with a NTC thermistor (Negative Temperature Coefficient
Thermistor) which is connected to the NTC pin. The current which flows to the NTC thermistor is 35µA.
Protection
Conditions
Device Status
Recovering Condition
LED1~4 over
temperature
protection (Note 8)
NTC pin voltage
< setting voltage
(DET[2:0])
All circuits are powered down
Address= “08H”, LEDTHRM
bit= “1”
Set LED1~4= “0” again
or EN pin= “off”-> “ON”
again
Note 8. The parasitic capacitor of NTC pin should be lower 50pF.
Example)
NTC thermistor: NCP15WM154 (150k @25C、B constant=4582, 1005 size, Murata)
NCP15WM224 (220k @25C, B constant=4582, 1005 size, Murata)
Formula: R=Ro*exp(B*(1/T-1/To))
(R: The value in the case of ambit temperature T(k)) (K: kelvin)
(Ro: The value in the case of ambit temperature To(k))
Detection Voltage (V) @typ
(set by resistor)
0.60
0.67
0.74
0.81
0.88
0.95
1.02
Detection Resistor (kΩ)
17.1
19.1
21.1
23.1
25.1
27.1
29.1
Detection Temperature (C)
(in the case of using 150kohm)
74
71
69
66
64
62
61
Detection Temperature (C)
(in the case of using 220kohm)
84
82
79
76
74
72
70
Temperature (C)
In the case of using 150kohm
In the case of using 220kohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com