Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP2071 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 7 -
2014/03
■ Input Logic Characteristics
(Ta= -30  85C; VIN=2.6  5.5V), SCL, SDA, STROBE, CHARGE, EN, ADDR pins.
Parameter
Symbol
min
typ
max
Unit
High-Level Input Voltage
VIH
1.2
-
VIN
V
Low-Level Input Voltage
VIL
-
-
0.4
V
High-Level Output Voltage (SDA pin, Iout= -80A)
VOH
1.4
-
-
V
Low-Level Output Voltage (SDA pin, Iout= 3mA)
VOL
-
-
0.4
V
Input Leakage Current (SCL, SDA, DET pins)
Iin1
-2
-
+2
A
Pull-down Resistance (STROBE, CHARGE, EN pins)
RIN
200
400
700
kΩ
Control Interface Timing:
SCL Clock Frequency
FSCL
-
-
400
kHz
Bus Free Time Between Transmissions
tBUF
1.3
-
-
s
Start Condition Hold Time (prior to first clock pulse)
tHD:STA
0.6
-
-
s
Clock Low Time
tLOW
1.3
-
-
s
Clock High Time
tHIGH
0.6
-
-
s
Setup Time for Repeated Start Condition
tSU:STA
0.6
-
-
s
SDA Hold Time from SCL Falling (Note 5)
tHD:DAT
0
-
s
SDA Setup Time from SCL Rising
tSU:DAT
0.1
-
-
s
Rise Time of Both SDA and SCL Lines
tR
-
-
0.3
s
Fall Time of Both SDA and SCL Lines
tF
-
-
0.3
s
Setup Time for Stop Condition
tSU:STO
0.6
-
-
s
Capacitive load on bus
Cb
-
400
pF
Pulse Width of Spike Noise Suppressed by Input Filter
tSP
0
-
50
ns
Power-down & Reset Timing
EN Pulse Width
(Note 6)
tPD
300
-
-
ns
Note 5. Data must be held long enough to bridge the 300ns transition time of SCL.
Note 6. The AP2071AEN can be reset by holding the EN pin= “L” upon power-up.
■ Timing Diagram
tHIGH
SCL
SDA
VIH
tLOW
tBUF
tHD:STA
tR
tF
tHD:DAT
tSU:DAT
tSU:STA
Stop
Start
Start
Stop
tSU:STO
VIL
VIH
VIL
tSP
Figure 2. I
2C Bus Mode Timing
tPD
VIL
EN
Figure 3. Enable & Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com