Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AP2071 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 8 -
2014/03
9. Functional Descriptions
The AP2071AEN integrates a boost DC-DC converter which integrates a switching FET and a synchronous
rectifier, supporting small size multilayer inductor with 2MHz switching frequency. The AP2071AEN has
four current sources to control the LED current which connected to LED1, LED2, LED3, LED4 pins. The
AP2071AEN supports five operation modes (Charge, Flash, Torch, Bypass torch and Discharge).
Mode
Function
Register Setting
Explanation
Mode 1
Charger
Mode
CHAR bit= “1”
FLASH bit= “0”
TORCH bit= “0”
DISCH[1:0]= “00”
Charge EDLC.
Mode 2
Flash
Mode
FLASH bit= “1”
TORCH bit= “0”
DISCH[1:0]= “00”
Drive LED with flashing setting current.
Mode 3
Torch
Mode
CHAR bit= “1”
FLASH bit= “0”
TORCH bit= “1”
DISCH[1:0]= “00”
Drive LED with torching setting current and
the DC-DC boost circuit operating.
Mode 4
Bypass Torch
Mode
CHAR bit= “1”
FLASH bit= “0”
TORCH bit= “1”
DISCH[1:0]= “00”
VSET[2:0]= “000”
Drive LED with torching setting current and
the DC-DC boost circuit not operating.
Mode 5
Discharger
Mode
DISCH[1:0]= “01” or “10”
Discharge EDLC until the setting voltage
through 68 which connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com