Electronic Components Datasheet Search
  English  ▼

X  

AP2071 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP2071
Description  High Current (8A) white LEDs driver for Flash with I2C
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2071 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP2071 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2071 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
[AP2071AEN]
MS1607-E-00
- 4 -
2014/03
5. Pin Configurations and Functions
■ Ordering Guide
AP2071AEN
30 to 85C
24-pin QFN
■ Pin Configurations
GND2
LED2
GND3
GND4
LED3
GND5
AGND
VIN
DET
EN
NTC
ADDR
Top View
19
20
21
22
23
24
12
11
10
9
8
7
Exposed pad
■ PIN Functions
No.
Pin Name
I/O
Function
1,18,19,
21,22,24
GND1-6
-
Ground for current sources
2
LED4
I
Connect to Flash/Torch LED pin4
(This pin must be open when not used)
3
STROBE
I
Flashing control input pin
4
SCL
I
I
2C clock input pin
5
SDA
I/O
I
2C data input pin
6
CHARGE
I
EDLC charge pin
0: charge stop (DC-DC convert is stopped too)
1: charge
(Connect this pin to GND when not used)
7
ADDR
I
Chip address LSB bit
Low: “0”; High: chip address= “1”
8
NTC
I/O
Connect to NTC resistor
(Connect this pin to GND when not used)
9
EN
I
Enable pin
10
DET
O
EDLC full charge voltage detection pin (Open drain)
11
VIN
I
Connect to battery
12
AGND
-
Ground for Analog circuit
13
VCAP
O
EDLC voltage protection pin
14
VOUT
O
Voltage output pin
15
SW
I
Connect to coil
16
PGND
-
Ground for DC-DC
17
LED1
I
Connect to Flash/Torch LED pin1
(This pin must be open when not used)
20
LED2
I
Connect to Flash/Torch LED pin2
(This pin must be open when not used)
23
LED3
I
Connect to Flash/Torch LED pin3
(This pin must be open when not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com