Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AP2403 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 3 -
4.
Block Diagram and Functions
Figure 1. Block Diagram
LOGIC
PWM_comp
OCL_comp
OVP_comp
FB
CC
SS
PGND
VIN
SW
V1P0_BUFF
RT
+
-
+
-
+
-
+
-
PWON
PWGD
ERRAMP
AP2403
SGND
VSEN
PGATE
NGATE
FSYN
-
+
BGR
&
VREF
OSC
FB_
MONI
CURR_
MONI
PWON
_LVS
VIN
20uA
UVLO
BACK
_OCL
V1P0_BUFF
1V
0.78V
1.4V
IRAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com