Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP2403 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 6 -
6.
Absolute Maximum Ratings
(GND=0V: Note 2)
Parameters
Symbol
min
max
Unit
VIN pin
Vin
0.3
6.0
V
SW pin
VSW
0.3
Vin + 0.3
V
All pins (Except SW pin, VIN pin)
VIND
0.3
Vin
V
Junction Temperature
(
Note 4)
Tj1
40
150
C
Junction Temperature
(Guaranteed Lifetime)
Tj2
40
135
C
Operating Ambient Temperature
Ta
40
105
C
Storage Ambient Temperature
TSTG
40
150
C
Power Dissipation
(Ta=25C)
(Note 3)
Pd
2750
mW
Note 2. All voltages with respect to the GND pin
Note 3. Thermal Resistance of the package (Rth): 40C/W
(JEDEC51, four layers PCB)
Note 4. Continuous operation above Tj=135C may impair device reliability.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
7.
Recommended Operating Conditions
(GND=0V)
Parameter
Symbol
min
typ
max
Unit
VIN pin voltage
Vin
3.0
5.5
V
Output Current
Iout
0
2.5
A
Operating Ambient Temperature
Top
40
105
C
* AKM assumes no responsibility for the usage beyond the conditions in this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com