Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AP2403 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 7 -
8.
Electrical Characteristics
(VIN=5.0V, Tj=40C to 135C, unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
Conditions
Operating Input Voltage Range
Vin
3.0
-
5.5
V
Feedback REF Voltage
VFBref
591
600
609
mV
Tj=25°C
Operation Current Consumption
(No Switching)
ISUPPLY
0.48
0.8
1.12
mA
Tj=25°C
Stand-by Current
Istandby
-
-
10
A
Tj=25°C
Load Regulation
(Note 5)
VLOAD
-
1
-
%
0A to 2A,
Ta=-40°C to 105°C
Output Pch MOSFET RDS(ON)
Rpmos
-
65
100
mΩ
Tj=25°C
Output Nch MOSFET RDS(ON)
Rnmos
-
65
100
mΩ
Tj=25°C
Over-Current Detection
Ioclpeak
3.15
4.5
-
A
Tj=25°C
Oscillator Frequency
Fosc
300
-
4000
kHz
RT=702kΩ to 47kΩ
FSYN Input Frequency Range
Fext300
240
-
360
kHz
RT=702kΩ (at 300kHz)
Fext2000
1600
-
2400
kHz
RT=100kΩ (at 2MHz)
Oscillator Accuracy
Facu
20
0
20
%
RT=100kΩ (at 2MHz),
Tj=25°C
Maximum ON Duty
(Note 5)
MAXDuty
-
-
100
%
UVLO Detection Voltage
Vuvlo
2.30
2.50
2.85
V
UVLO Release Voltage
Vuvlorel
2.35
2.70
2.90
V
UVLO Hysteresis
Vuvhys
0.05
0.20
0.50
V
Output Over Voltage Detection
Vovp
+26
+30
+34
%
against VFBref
Charge Current
(to Capacitor of Soft Start)
Iss+
18.0
20.0
22.0
A
Css=0V → 1.0V (at rise)
Tj=25°C
Discharge Current
(to Capacitor of Soft Start)
Iss-
0.70
1.0
1.30
A
Css=1.0V→0.40V (at fall)
Tj=25°C (in hiccup
operation)
Thermal Protection Detection
(Note 6)
Tsd
135
155
185
C
Thermal Protection Hysteresis
(Note 6)
Tsdhys
5
15
25
C
High side Power Good Detection
Vpgonh
+16
+20
+24
%
by contrast with VFBref
High side Power Good Release
Vpgoffh
+21
+25
+29
%
by contrast with VFBref
Low side Power Good Detection
Vpgonl
16
20
24
%
by contrast with VFBref
Low side Power Good Release
Vpgoffl
21
25
29
%
by contrast with VFBref
Power Good Hysteresis
Vpghys
3
5
7
%
Power-OFF Threshold
Vponl
-
-
0.4
V
Power-ON Threshold
Vponh
1.5
-
-
V
Power-ON Hysteresis
Vponhys
50
100
150
mV
Gm (Error amplifier)
Gm
360
500
730
A/V Tj=25°C
Threshold voltage
(of FSYN pin)
VEih
0.7*VIN
-
-
V
Tj=25°C
VEil
-
-
0.3*VIN
V
Tj=25°C
Output voltage
(of PWGD pin)
VPoh
VIN0.4
-
-
V
Ipoh=100A
VPol
-
-
0.4
V
Ipol=100A
Note 5. A reference value with the recommended circuit
Note 6. Design assurance values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com