Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 13 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 13 Page - Asahi Kasei Microsystems

Back Button AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 15Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 16Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 17Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 13 -
10.
Application Information
1. Inductance:
An external inductor must be selected so that the maximum ripple current will be 30% of the rated current.
The main power voltage (Vin) is the maximum value of input voltage range. The external inductor value is
determined by following equation.
2. Phase Compensation:
Resistors and a capacitor for phase compensation are connected between the CC pin and the Vref/SS pin.
Recommended values of these are shown below but they are not fixed. These values can be changed
according to the VIN and VOUT frequency settings to optimize the phase compensation.
(values shown below is in the case of “11. Recommended External Circuits”)
R4=220[kΩ],
R5=4.7[kΩ], C5=2200[pF]
3. Soft Start Time:
Soft-start time is determined by the C4 capacitor which is connected between the SS pin and the GND. The
relation of the capacitance and the soft-start time is calculated by the following equation.
Tss = C4/20×10
-6
[s]
4. Suspended Time in Hiccup Operation:
The suspended time in Hiccup operation is determined by the C4 capacitor which is connected between the
SS pin and the GND. The relation of the capacitance and the suspended time is calculated by the following
equation.
5. Output Voltage:
The output voltage is determined by the feedback resistors, and those two resistors are placed in series
between the output capacitor and the GND. Those resistor value of R2 (the output capacitor to FB pin) and
R1 (FB pin to GND) are calculated by the following equation.
Please note that the operation may become unstable by an influence of the switching noise when the current
which flows in the resistor becomes too small.
6. Oscillation Frequency:
The oscillation frequency is determined by the R3 resistor which is connected between the RT pin and the
GND. The relation of the resistor value and the oscillation frequency is calculated by the following equation.
]
H
[
Frequency
Vin
0.6
Vout
-
Vin
Vout
L
  
)
(
]
s
[
10
1
C4
0.6
T
6
-
HIC
  
=
]
V
[
R1
R2
1
0.6
Vout
  
 
=
]
[
10
2.35
2
.
1
)
10
33
-
y
1/Frequenc
0.6
R3
12
-
-9
Ω
  
(
= 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com