Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP2403 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 10Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 11Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 12Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 13Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 14Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 11 -
■ Over Current Protection Timing
When SS=0.1F,
T1: Soft Start Time is 5ms,
T3: Rest Time is 60ms
T2: 256s (512 clocks/2MHz),
T4: 192s (384 clocks/2MHz)
When Css=0.22F,
T1: Soft Start Time is 11ms,
T3: Rest Time is 132ms
Figure 4. Over Current Protection Timing
T1:
]
s
[
10
20
Css
6
-
  
T2: 512clock
]
sec
[
10
1
Css
0.6
:
T3
6
-
  
 
clock
384
:
T4  
512clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com