Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP2403 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 1 -
1.
Genaral Description
The AP2403 is a Current-Mode Synchronous Step-Down DC-DC Converter with excellent transient
response. The output voltage is selectable from the range of 0.8V to 5.0V by an external resistor. The input
voltage ranges from 3.0V to 5.5V which is most suitable to generate a 1.0V, a 1.2V, and a 1.8V power
supplies. Power MOSFETs are built in the AP2403; the maximum output current of the AP2403 is 2.5A. The
switching frequency is selectable from 300 kHz to 4 MHz by the external resistor. For the protections, the
AP2403 has Over-Current protection, Low-Input Voltage protection, Thermal protection and Power-Good
function.
2.
Features
1.
Input Voltage Range:
Vin = 3.0V to 5.5V
2.
Output Voltage Range:
Vout = 0.8V to 5.0V
(by the external resistor)
3.
Maximum Output Load Current:
Iout(max) = 2.5A
http://akm.transim.com/
4.
Operation Temperature: Ta = -40C to 105C
5.
Switching Frequency:
300kHz to 4MHz (Selectable by an external resistor and
External Synchronous Mode is available by an external clock)
6.
Internal Reference Voltage:
0.6V 1.5%
7.
Maximum Duty:
100%
8.
Low Input Voltage Protection
9.
Power-Good Function
10.
Over-Current Protection (Automatic recovery type)
11.
Thermal Protection
12.
Soft Start Function
13.
Package: 16-pin HTSSOP
Current-Mode PWM Step-Down DC-DC Converter
AP2403


Similar Part No. - AP2403

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results

Similar Description - AP2403

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
Nov-2000
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
PWM/PFM Dual Mode Step-down DC/DC Converter
Rev.1.1 Jun. 27, 2005
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM600-SERIES ELM-TECH-ELM600-SERIES Datasheet
1Mb / 7P
PWM step down DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM1583A HMSEMI-HM1583A Datasheet
501Kb / 11P
3.5A Step-Down PWM Switch-Mode DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com