Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP2403 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 5 -
8
FB
I
Input pin of Output Voltage Feedback Amplifier (Error Amp.)
It controls the output voltage so that the voltage at this pin
becomes 0.6V. Connect two resistors for feedback between
the output stage and the GND in series, and the FB pin must
be connected to the middle point of these two resistors.
HiZ (there is an
external resistor
between the
GND)
9
VIN
Main Power Voltage Input
Connect a capacitor of 4.7F or more between the VIN pin
and the GND.
-
10
SW
O
Internal Switching MOSFET Output
It is connected to the middle point of the internal output
N-channel MOSFET and the P-channel MOSFET.
HiZ
11
SW
O
Internal Switching MOSFET Output
It is connected to the middle point of the internal output
N-channel MOSFET and the P-channel MOSFET.
HiZ
12
PGND
Power Ground
-
13
PGND
Power Ground
-
14
SW
O
Internal Switching MOSFET Output
It is connected to the middle point of the internal output
N-channel MOSFET and the P-channel MOSFET.
HiZ
15
SW
O
Internal Switching MOSFET Output
It is connected to the middle point of the internal output
N-channel MOSFET and the P-channel MOSFET.
HiZ
16
VIN
Main Power Voltage Input
Connect a capacitor of 4.7F or more between the VIN pin
and the GND.
-
Note 1. Pin state when the PWON pin = “L”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com