Electronic Components Datasheet Search
  English  ▼

X  

AP2403 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP2403
Description  Current-Mode PWM Step-Down DC-DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2403 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP2403 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2403 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
[AP2403]
MS1528-E-02
2014/01
- 4 -
5.
Pin Configurations and Functions
■ Ordering Guide
AP2403
-40C to 105C
16-pin HTSSOP
■ Pin Layout
Figure 2. Pin Layout
■ Pin Functions
No.
Pin
Name
I/O
Function
Condition
(Note 1)
1
PWGD
O
Power-Good Pin
When the output voltage reaches the level that is ±20% of the
setting voltage, this pin becomes “H”.
GND
2
FSYN
I
External Synchronous Clock Input Pin
An external clock within 20% of setting value which is set
by the resistor at the RT pin is available.
Internal pull-up
resistor to VIN
pin is 300k.
3
PWON
I
Power-ON Pin
The AP2403 starts operation by inputting a 1.5V or more
voltage to this pin.
-
4
RT
O
Operation Frequency Setting Pin
The operation frequency is determined by a resistor connected
to this pin.
HiZ (connect
an external
resistor
between the
GND)
5
SGND
Signal Ground
-
6
SS
O
Soft Start Pin
Connect a capacitor of 0.047μF or more between the SS pin
and the GND. The AP2403 charges this external capacitor
when starts up, and a Soft Start operation is executed. When
the over current protection is activated, the external capacitor
is discharged and it generates a suspended time in a hiccup
operation.
GND
7
CC
O
Output pin of Output Voltage Feedback Amplifier (Error Amp.)
Connect a resistor and a capacitor between the CC pin and the
SS pin in parallel. These devices compensate the amplifier
phase.
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com